Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ591 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFQ591
Description  NPN 7 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ591 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFQ591 Datasheet HTML 3Page - NXP Semiconductors BFQ591 Datasheet HTML 4Page - NXP Semiconductors BFQ591 Datasheet HTML 5Page - NXP Semiconductors BFQ591 Datasheet HTML 6Page - NXP Semiconductors BFQ591 Datasheet HTML 7Page - NXP Semiconductors BFQ591 Datasheet HTML 8Page - NXP Semiconductors BFQ591 Datasheet HTML 9Page - NXP Semiconductors BFQ591 Datasheet HTML 10Page - NXP Semiconductors BFQ591 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NXP Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFQ591
SPICE parameters for the BFQ591 die.
Note
1. These parameters have not been extracted, the
default values are shown.
List of components (see Fig.11)
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
1.341
fA
2
BF
123.5
−
3
NF
.988
−
4
VAF
75.85
V
5
IKF
9.656
mA
6
ISE
232.2
fA
7
NE
2.134
−
8
BR
10.22
−
9
NR
1.016
−
10
VAR
1.992
V
11
IKR
294.1
mA
12
ISC
211.0
aA
13
NC
997.2
−
14
RB
5.00
Ω
15
IRB
1.000
µA
16
RBM
5.00
Ω
17
RE
1.275
Ω
18
RC
920.6
Ω
19(1)
XTB
0.000
−
20(1)
EG
1.110
eV
21(1)
XTI
3.000
−
22
CJE
3.821
pF
23
VJE
600.0
mV
24
MJE
348.5
−
25
TF
13.60
ps
26
XTF
71.73
−
27
VTF
10.28
V
28
ITF
1.929
mA
29
PTF
0.000
deg
30
CJC
1.409
fF
31
VJC
219.4
mV
32
MJC
166.5
−
33
XCJ
2.340
−
34
TR
543.7
ps
35(1)
CJS
0.000
F
36(1)
VJS
750.0
mV
37(1)
MJS
0.000
−
38
FC
733.2
−
DESIGNATION
VALUE
UNIT
Cbe
16
fF
Ccb
150
fF
Cce
150
fF
L1
1
nH
L2
0.01
nH
L3
1
nH
LB
1.2
nH
LE
1.2
nH
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C
QLB = 50;QLE = 50;QLB,E(f)=QLB,E√(f/fc);
fc = scaling frequency = 1 GHz.
Fig.11 Package equivalent circuit SOT89.
Rev. 04 - 2 October 2007
8 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com