Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ591 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFQ591
Description  NPN 7 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ591 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFQ591 Datasheet HTML 2Page - NXP Semiconductors BFQ591 Datasheet HTML 3Page - NXP Semiconductors BFQ591 Datasheet HTML 4Page - NXP Semiconductors BFQ591 Datasheet HTML 5Page - NXP Semiconductors BFQ591 Datasheet HTML 6Page - NXP Semiconductors BFQ591 Datasheet HTML 7Page - NXP Semiconductors BFQ591 Datasheet HTML 8Page - NXP Semiconductors BFQ591 Datasheet HTML 9Page - NXP Semiconductors BFQ591 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NXP Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFQ591
handbook, halfpage
0
Gmax
40
80
IC (mA)
gain
(dB)
120
25
0
20
15
10
5
MLD799
GUM
Fig.6
Gain as a function of collector current;
typical values.
VCE = 12 V; f = 900 MHz.
handbook, halfpage
0
MSG
GUM
40
80
IC (mA)
gain
(dB)
120
10
0
8
6
4
2
MLD800
Fig.7
Gain as a function of collector current;
typical values.
VCE = 12 V; f = 2 GHz.
handbook, halfpage
40
0
20
30
10
MLD801
10
f (MHz)
gain
(dB)
104
103
102
GUM
MSG
MSG
Gmax
Fig.8
Gain as a function of frequency; typical
values.
IC = 70 mA; VCE =12V.
Rev. 04 - 2 October 2007
6 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com