Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ591 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFQ591
Description  NPN 7 GHz wideband transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ591 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFQ591 Datasheet HTML 1Page - NXP Semiconductors BFQ591 Datasheet HTML 2Page - NXP Semiconductors BFQ591 Datasheet HTML 3Page - NXP Semiconductors BFQ591 Datasheet HTML 4Page - NXP Semiconductors BFQ591 Datasheet HTML 5Page - NXP Semiconductors BFQ591 Datasheet HTML 6Page - NXP Semiconductors BFQ591 Datasheet HTML 7Page - NXP Semiconductors BFQ591 Datasheet HTML 8Page - NXP Semiconductors BFQ591 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NXP Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFQ591
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
15
V
VEBO
emitter-base voltage
open collector
3V
IC
collector current (DC)
200
mA
Ptot
total power dissipation
Ts ≤ 90 °C; note 1
2.25
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction
to soldering point
Ts ≤ 90 °C; note 1
38
K/W
Rev. 04 - 2 October 2007
3 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com