Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3050 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  ADNS-3050 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
Pinout of ADNS-3050 Optical Mouse Sensor
Pin
Name
Input/Output
Description
1
MISO
O
Serial Data Output (Master In/Slave Out)
2
LED
I
LED Illumination Control Input
3
MOTION
O
Motion Interrupt Output (Active low,)
4
NCS
I
Chip Select (Active low)
5
SCLK
I
Serial Clock Input
6
GND
I
Ground
7
VDD
I
Supply Voltage
8
MOSI
I
Serial Data Input (Master Out/Slave In)
Figure 1. Package Outline Drawing (Top View)
Item
Marking
Remarks
Product Number
A3050
Date Code
XYYWWZ
X = Subcon Code
YYWW = Date Code
Z = Sensor Die Source
Lot Code
VVV
Numeric
8
7
6
5
4
3
2
1
Lot Code
Product Number
Date Code
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com