Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3050 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  ADNS-3050 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
Figure 2. Package Outline Drawing
CAUTION: It is advised that normal static precautions be taken in handling and assembling
of this component to prevent damage and/or degradation which may be induced by ESD.
Clear Optical Path
Pin 1
Protective
Kapton Tape
3.92
0.154
∅ 0.70
0.028
∅ 4.12
0.162
9.90
0.390
Lead Offset
1.00
0.039
Lead Pitch 2.00
0.079
Lead Width
0.50
0.020
Lot Code
Date Code
Product
Number
Pin 1
Features for
Illustration only
A
A
9.10
0.358
12.85
(At shoulder)
0.506
12.85
± 0.50
(At lead tip)
0.506
± 0.020
`
Section A-A
Notes:
1. Dimensions in millimeter / inches.
2. Dimensional tolerance:
± 0.1mm.
3. Coplanarity of leads: 0.1mm.
4. Lead pitch tolerance:
± 0.15mm.
5. Non-cumulative pitch tolerance:
± 0.15mm.
6. Angular tolerance:
± 3
7. Maximum flash: 0.2mm.
8. Brackets () indicate reference dimension.
9. Document Number: LED_SPC_8C_PKG_002
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com