Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3050 Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 27Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23
MOUSE_CTRL
Address: 0x0d
Access: Read/Write
Reset Value: 0x01
Bit
7
6543210
Field
RSVD
RSVD
1
RES2
RES1
RES0
PD
0
Data Type: Bit field.
USAGE:
Resolution and chip reset information can be accessed or to be edited by this register.
Bit
Field Name
Description
5
1
Must set to 1
4:2
RES [2:0]
Set the resolution of sensor
000: 1000 dpi (default)
001: 250 dpi
010: 500 dpi
011: 1250 dpi
100: 1500 dpi
101: 1750 dpi
110: 2000 dpi
0
0
Must set to 0
Note: As the sensor resolution increases, slight performance degradation on certain surfaces may be observed.
For higher than 500 dpi setting, use 12-bit motion reporting to achieve the maximum speed.
RUN_DOWNSHIFT
Address: 0x0e
Access: Read/Write
Reset Value: 0x46
Bit
76543210
Field
RUD7
RUD6
RUD5
RUD4
RUD3
RUD2
RUD1
RUD0
Data Type: Eight bit number.
USAGE:
This register sets the Run to Rest1 mode downshift time. The configurable value is range from 0x46 to 0xff.
Min value for this register must be 0x46 or 70 in decimal.
Units are 16 frames (about 430ms@2600fps)
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com