Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3050 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # ADNS-3050
Description  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
PIX_MAX
Address: 0x08
Access: Read
Reset Value: 0x00
Bit
76543210
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type: Eight-bit number.
USAGE:
Store the highest pixel value in current frame. Minimum value = 0, maximum value = 254.
The highest pixel value may vary with different frame.
PIX_ACCUM
Address: 0x09
Access: Read/Write
Reset Value: 0x00
Bit
76543210
Field
AP7
AP6
AP5
AP4
AP3
AP2
AP1
AP0
Data Type: High 8-bits of an unsigned 17-bit integer.
USAGE:
This register stores the accumulated pixel value of the last image taken. This register can be used to find the
average pixel value, where Average Pixel = (register value AP[7:0])* 1.058
The maximum accumulated value is 122936 but only bits [16:9] are reported, therefore the maximum register
value is 240. The minimum is 0. The PIX_ACCUM value may vary with different frame.
PIX_MIN
Address: 0x0a
Access: Read
Reset Value: 0x00
Bit
76543210
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type: Eight-bit number.
USAGE:
Store the lowest pixel value in current frame. Minimum value = 0, maximum value = 254.
The minimum pixel value may vary with different frame.
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com