Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5050 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button ADNS-5050 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
LED Mode
For optimized tracking performance, the LED is in DC
mode when motion is detected, and ADNS-5050 will
pulse the LED when the mouse is in idle state. To force the
LED into always DC mode, kindly refer to register 0x22.
Synchronous Serial Port
The synchronous serial port is used to set and read pa-
rameters in the ADNS-5050, and to read out the motion
information.
The port is a three wire serial port. The host micro-con-
troller always initiates communication; the ADNS-5050
never initiates data transfers. SCLK, SDIO, and NCS may
be driven directly by a micro-controller. The port pins may
be shared with other SPI slave devices. When the NCS pin
is high, the inputs are ignored and the output is tri-stated.
The lines that comprise the SPI port:
SCLK:
Clock input. It is always generated by the master
(the micro-controller).
SDIO:
Input and Output data.
NCS:
Chip select input (active low). NCS needs to be
low to activate the serial port; otherwise, SDIO
will be high Z, and SDIO & SCLK will be ignored.
NCS can also be used to reset the serial port in
case of an error.
Write Operation
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
1
D0
D5
D6
D7
A0
A1
A2
A3
A4
A5
A6
1A6
D4
D3
D2
D1
SCLK
NCS
SDIO
SDIO DRIVEN BY MICRO-CONTROLLER
SDIO Setup and Hold Time
tsetup
1/(2f )
SCLK
thold
SCLK
SDIO
1/(2f )
SCLK
Chip Select Operation
The serial port is activated after NCS goes low. If NCS
is raised during a transaction, the entire transaction is
aborted and the serial port will be reset. This is true for
all transactions. After a transaction is aborted, the nor-
mal address-to-data or transaction-to-transaction delay
is still required before beginning the next transaction. To
improve communication reliability, all serial transactions
should be framed by NCS. In other words, the port should
not remain enabled during periods of non-use because
ESD and EFT/B events could be interpreted as serial com-
munication and put the chip into an unknown state. In ad-
dition, NCS must be raised after each burst-mode transac-
tion is complete to terminate burst-mode. The port is not
available for further use until burst-mode is terminated.
Write Operation
Write operation, defined as data going from the micro-
controller to the ADNS-5050, is always initiated by the
micro-controller and consists of two bytes. The first byte
contains the address (seven bits) and has a “1” as its MSB
to indicate data direction. The second byte contains the
data. The ADNS-5050 reads SDIO on rising edges of SCLK.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com