Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5050 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  ADNS-5050 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Figure 2. Package outline drawing
Section A-A
AA
Pin 1
Clear Optical Path
Protective
Kapton Tape
4.45
0.175
∅ 5.60
0.220
∅ 0.80
0.031
12.85
(At shoulder)
0.506
12.85
± 0.50
(At lead tip)
0.506
± 0.020
9.10
0.358
Lead width
0.50
0.020
9.90
0.390
Lead pitch
2.00
0.079
Lead offset
1.00
0.039
Lot Code
Date Code
Product
Number
Features for
Illustration only
Pin 1
Notes:
1. Dimensions in millimeter / inches.
2. Dimensional tolerance:
± 0.1mm.
3. Coplanarity of leads: 0.1mm.
4. Lead pitch tolerance:
± 0.15mm.
5. Non-cumulative pitch tolerance:
± 0.15mm.
6. Angular tolerance:
± 3
7. Maximum flash: 0.2mm.
8. Brackets () indicate reference dimension.
9. Document Number: LED_DIFF_8B_PKG_002
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com