Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5050 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  ADNS-5050 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
Pinout of ADNS-5050 Optical Mouse Sensor
Pin
Name
Description
I/O type
1
SDIO
Serial Port Data Input and Output
I/O
2
XY_LED
LED Control
O
3
NRESET
Reset Pin (active low input)
I
4
NCS
Chip Select (active low input)
I
5
VDD5
Supply Voltage
Power
6
GND
Ground
Ground
7
REGO
Regulator Output
O
8
SCLK
Serial Clock Input
I
Figure 1. Package outline drawing (top view).
Item
Marking
Remarks
Product Number
A5050
Date Code
XYYWWZ
X = Subcon Code
YYWW = Date Code
Z = Sensor Die Source
Lot Code
VVV
Numeric
Product Number
Date Code
Lot Code
1
2
3
4
5
6
7
8
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com