Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5050 Datasheet(PDF) 21 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 21 Page - Pixart Imaging Inc.

Back Button ADNS-5050 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 25Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
Shutter_Upper
Address: 0x06
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
S15
S14
S13
S12
S11
S10
S9
S8
Shutter_Lower
Address: 0x07
Access: Read
Reset Value: 0x00
Bit
7
6
5
4
3
2
1
0
Field
S7
S6
S5
S4
S3
S2
S1
S0
Data Type:
Sixteen bit unsigned integer.
USAGE:
Units are clock cycles. They must be read in this order: Read 0x06 first, then 0x07. The shutter is con-
tinuously adjusted to keep the average and maximum pixel values within normal operating range.
The shutter value is automatically adjusted.
Figure 15. Shutter (white paper).
Figure 16. Mean shutter vs. Z (white paper).
0
10
20
30
40
50
60
70
1
47 93 139 185 231 277 323 369 415 461 507 553 599 645 691 737 783 829 875
Count
0
50
100
150
200
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
Distance from Lens Reference Plane to Tracking Surface, Z (mm)
Avg-3sigma
Avg
Avg+3sigma
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com