Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6352 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAS6352
Description  CMOS VGA IMAGE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6352 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAS6352 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PixArt Imaging Inc.
PAS6352
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.6,
2012/11/13
0
66
[4]
R_AE_EnH
AE enable
0
66
[0]
R_freq_60
Set de-flicker frequency
0/1: 50/60Hz
0
67
[7:0] R_SysClk_freq[7:0]
Input_frequency/2048
0
68
[6:0] R_SysClk_freq[14:8]
Input_frequency/2048
0
69
[7:0] R_DeNoise_Str__G__HS[7:0] Denoise Strength (for color G) in HS mode
0
6A
[7:0] R_DeNoise_Str__RB_HS[7:0] Denoise Strength (for color R/B) in HS mode
0
6B
[4:0] R_AE_minStage[4:0]
Minimum AE stage
0
6C
[4:0] R_AE_maxStage[4:0]
Maximum AE stage (AE_maxStage<=31)
0
6D
[7:0] R_AG_stage_UB
AG_stage upper bound at max AE_stage
(0:2x; 16:4x, 32:8x, 48:16x, 64:32x, 80:64x, 96:128x)
0
6F
[7:0] R_Ytar8bit
0~255, Target luminance of AE
0
72
[0]
R_AWB_EnH
Auto-white balance enable
0
72
[4]
R_AWB_Gain_rst
AWB gain reset
0
79
[7:0] R_ISP_HOffset[7:0]
ISP Hsize Offset
0
7B
[7:0] R_ISP_VOffset[7:0]
ISP Vsize Offset
0
81
[5:4] R_AE_Speed
AE speed, the more, the slower
0: 1 x
1: 1/2 x
2: 1/4 x
3: 1/8 x
0
8F
[7:0] R_ImgEffect_c0
Image Effect parameter 0
(ISP_UpdateFlag=1, update )
0
90
[7:0] R_ImgEffect_c1
Image Effect parameter 1
(ISP_UpdateFlag=1, update )
0
91
[7:0] R_ImgEffect_c2
Image Effect parameter 2
(ISP_UpdateFlag=1, update )
0
93
[3:0] R_ImgEffectMode
Image Effect mode
0: monochrome
1: negative
2: x-ray
3: Sepia/Cold/Warm/Sunset
6: Solarize
10: Pixelate
(ISP_UpdateFlag=1, update )
0
94
[0]
R_ISP_ImgEffect_En
1: Image effect function enable
(ISP_UpdateFlag=1, update )
0
97
[4]
R_Shading_EnH
Lens shading enable
0
99
[6:0] R_OffsetX_R[6:0]
Horizontal distances between shading center and sensor array center
of R-channel, MSB:sign bit, -63~+63
0
9A
[6:0] R_OffsetY_R[6:0]
Vertical distances between shading center and sensor array center
of R-channel, MSB:sign bit, -63~+63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com