Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6352 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAS6352
Description  CMOS VGA IMAGE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6352 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS6352 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PixArt Imaging Inc.
PAS6352
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.6,
2012/11/13
0
9B
[6:0] R_OffsetX_G[6:0]
Horizontal distances between shading center and sensor array center
of G-channel, MSB:sign bit, -63~+63
0
9C
[6:0] R_OffsetY_G[6:0]
Vertical distances between shading center and sensor array center
of G-channel, MSB:sign bit, -63~+63
0
9D
[6:0] R_OffsetX_B[6:0]
Horizontal distances between shading center and sensor array center
of B-channel, MSB:sign bit, -63~+63
0
9E
[6:0] R_OffsetY_B[6:0]
Vertical distances between shading center and sensor array center
of B-channel, MSB:sign bit, -63~+63
0
9F
[5:0] R_LSC_R1[5:0]
Quartic parameter of R-channel
0
A0
[5:0] R_LSC_G1[5:0]
Quartic parameter of G-channel
0
A1
[5:0] R_LSC_B1[5:0]
Quartic parameter of B-channel
0
A2
[5:0] R_LSC_R2[5:0]
Square parameter of R-channel
0
A3
[5:0] R_LSC_G2[5:0]
Square parameter of G-channel
0
A4
[5:0] R_LSC_B2[5:0]
Square parameter of B-channel
0
A5
[2:0] R_LSFT_1[2:0]
Lens shading coefficient coarse shift value
0
A6
[1:0] R_LSFT_2[1:0]
Lens shading coefficient coarse shift value
0
A7
[1:0] R_LSFT_3[1:0]
Lens shading coefficient coarse shift value
0
A8
[1:0] R_LSFT_4[1:0]
Lens shading coefficient coarse shift value
2
8
[7:0] R_ImgEffect_Y_offset[7:0]
Y offset value
2
9
[7:0] R_ImgEffect_U_offset[7:0]
U offset value
2
A
[7:0] R_ImgEffect_V_offset[7:0]
V offset value
2
B
[0]
R_ISP_ImgEffect_1_En
YUV value offset enable
2
2A
[7]
R_ISP_Edge_En0
ISP edge enhancement enable
2
2F
[4:0] R_AE_stage_LL[4:0]
(AE_stage >= R_AE_stage_LL) && (AG_stage >= R_AG_stage_LL)
=>Low Light
2
30
[4:0] R_AE_stage_NL[4:0]
(AE_stage <= R_AE_stage_NL) && (AG_stage <= R_AG_stage_NL)
=>Normal Light
2
32
[7:0] R_AG_stage_LL[7:0]
(AE_stage >= R_AE_stage_LL) && (AG_stage >= R_AG_stage_LL)
=>Low Light
2
33
[7:0] R_AG_stage_NL[7:0]
(AE_stage <= R_AE_stage_NL) && (AG_stage <= R_AG_stage_NL)
=>Normal Light
2
56
[4:0] R_EdgeRatio_Delta[4:0]
Increment when AE/AG state change
2
57
[4:0] R_EdgeRatio_LL[4:0]
Edge ratio @Low Light
2
58
[4:0] R_EdgeRatio_NL[4:0]
Edge ratio @Normal Light
2
5A
[4:0] R_Edge_th_Delta[4:0]
Increment when AE/AG state change
2
5B
[7:0] R_Edge_th_LL[7:0]
Edge threshold @ Low Light
2
5C
[7:0] R_Edge_th_NL[7:0]
Edge threshold @ Normal Light
2
5D
[1]
R_Saturation_2X
Color Saturation double
2
5E
[4:0] R_Saturation_Delta[4:0]
Increment when AE/AG state change
2
5F
[4:0] R_Saturation_LL[4:0]
Color Saturation @ Low Light
2
60
[4:0] R_Saturation_NL[4:0]
Color Saturation @ Normal Light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com