Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6352 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAS6352
Description  CMOS VGA IMAGE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6352 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAS6352 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PixArt Imaging Inc.
PAS6352
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.6,
2012/11/13
2
62
[4:0] R_Shading_CP_R_Delta[4:0]
Increment when AE/AG state change
2
63
[3:0] R_Shading_CP_R_NL[3:0]
Shading compensation percentage @Normal Light
2
63
[7:4] R_Shading_CP_R_LL[3:0]
Shading compensation percentage @Low Light
2
64
[0]
R_Contrast_En
Contrast Enable
2
69
[7:0] R_Brightness_LL[7:0]
Brightness @ Low Light
2
6A
[7:0] R_Brightness_NL[7:0]
Brightness @ Normal Light
2
9B
[1:0] R_ISP_WOI_HSize[9:8]
Output image Hsize
(ISP2_UpdateFlag=1, update )
2
9C
[7:0] R_ISP_WOI_HSize[7:0]
Output image Hsize
(ISP2_UpdateFlag=1, update )
2
9D
[1:0] R_ISP_WOI_VSize[9:8]
Output image Vsize
(ISP2_UpdateFlag=1, update )
2
9E
[7:0] R_ISP_WOI_VSize[7:0]
Output image Vsize
(ISP2_UpdateFlag=1, update )
2
9F
[1:0] R_ISP_WOI_HOffset[9:8]
Output image H offset
(ISP2_UpdateFlag=1, update )
2
A0
[7:0] R_ISP_WOI_HOffset[7:0]
Output image H offset
(ISP2_UpdateFlag=1, update )
2
A1
[1:0] R_ISP_WOI_VOffset[9:8]
Output image V offset
(ISP2_UpdateFlag=1, update )
2
A2
[7:0] R_ISP_WOI_VOffset[7:0]
Output image V offset
(ISP2_UpdateFlag=1, update )
2
B0
[7]
R_Scaler_X_En
Scaling Down X Enable
(ISP2_UpdateFlag=1, update )
2
B0
[5:0] R_ScaleDenr_X[5:0]
Scaling Down 16/x
, 15<x<63
(ISP2_UpdateFlag=1, update )
2
B1
[7]
R_Scaler_Y_En
Scaling Down Y Enable
(ISP2_UpdateFlag=1, update )
2
B1
[5:0] R_ScaleDenr_Y[5:0]
Scaling Down 16/x
, 15<x<63
(ISP2_UpdateFlag=1, update )
2
B2
[3:0] R_EncDecimationNo_X[3:0]
ISP decimation no in X-direction
(ISP_Zoom_UpdateFlag=1, update )
2
B2
[7:4] R_EncDecimationNo_Y[3:0]
ISP decimation no in Y-direction
(ISP_Zoom_UpdateFlag=1, update)
2
BF
[1]
R_UV_Swap
U V Swap
2
BF
[2]
R_YC_Swap
Y C Swap
2
C0
[3:0] R_RGB565_mode[3:0]
RGB565_mode
2
C0
[5:4] R_Format_Sel
Output Data format select
0:YUV 1:RGB565 2:RGB555 3:RGB444
(ISP2_UpdateFlag=1, update )
2
C1
[0]
R_Vsync_INV
Vsync inverse
2
C1
[1]
R_Hsync_INV
Hsync inverse
2
C1
[2]
R_Pxclk_INV
Pxclk inverse
3
2
[0]
R_CCMASign[8]
ACCM Base matrix coefficient
3
3
[7:0] R_CCMASign[7:0]
ACCM Base matrix coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com