Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6352 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS6352
Description  CMOS VGA IMAGE SENSOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6352 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS6352 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6352 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PAS6352 Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.6, 2012/11/13
PAS6352 CMOS VGA IMAGE SENSOR
General Description
The PAS6352 is a highly integrated CMOS active-pixel image sensor that has output of 640 x 480 pixels. It
embedded the new FinePixel™ sensor technology to perform the excellent image quality. PAS6352 outputs 10-bit RGB
raw or YUV/YCrCb 4:2:2 or RGB565/555/444 data through a parallel data bus. It is available in CSP package.
The PAS6352 can be programmed to set the exposure time for different luminance condition via I2C
TM serial control
bus. By programming the internal register set, it performs on-chip frame rate adjustment and programmable gain control.
Key Specification
Active Pixel
648(H) x 488(V)
Resolution
640 (H) x 480 (V)
Analog
2.8V
I/O
1.7V ~ 3.3V
Power
Core
1.8V
[ Array diagonal ]
1/4” Lens
Pixel Size
5.6um * 5.6um
Lens Chief Ray Angle
TBD
Max. Frame rate
VGA 60fps
Max. input clock
48 MHz
Max. Pixel clock
48 MHz, VGA YUV 60fps
Sensitivity
TBD
Color filter
RGB Bayer Pattern
Exposure Time
TBD
Scan Mode
Progressive
S/N Ratio
TBD
Dynamic range
TBD
Features
§ Active Pixels: 648 x 488 pixels
§ Resolution: 640 x 480 pixels, 1/4” Lens
§ Bayer-RGB color filter array
§ Output format :
l
RAW, 10-bit
l
YUV/YCrCb 4:2:2
l
RGB565/555/444
§ On-chip 10-bit pipelined A/D converter
§ On-chip manual analog gain control
§ Continuous variable frame time & exposure
time
§ I2C
TM Interface
§ Support 1.7V~3.3V I/O
§ Power dissipation: operating typ. TBD@ 2.8V
(VGA YUV 60fps parallel-output, without
loading), low power-down dissipation typ./max.
TBD @ 2.8V
§ Automatic Background Compensation
§ ISP function:
l
AEC & AGC
l
AWB
l
Gamma
l
Color matrix
l
Sharpness
l
De-noise
l
Color saturation
l
Defect compensation
l
Lens shading compensation
l
Auto de-flicker
l
Decimation-AVG and Scaler
l
DRC (Dynamic Range Compensation)
l
WOI & Sub-sampling
§ Dummy line & pixel timing
§ Output Hsync at Vsync
§ PLL
§
Module size : TBD
Package
CSP


Similar Part No. - PAS6352

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
CMOS VGA DIGITAL IMAGE SESNSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
More results

Similar Description - PAS6352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
logo
ams AG
CMV300 AMSCO-CMV300 Datasheet
1Mb / 56P
VGA resolution CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com