Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP565BP Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP565BP
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP565BP Datasheet(HTML) 4 Page - Analog Devices

  ADCMP565BP Datasheet HTML 1Page - Analog Devices ADCMP565BP Datasheet HTML 2Page - Analog Devices ADCMP565BP Datasheet HTML 3Page - Analog Devices ADCMP565BP Datasheet HTML 4Page - Analog Devices ADCMP565BP Datasheet HTML 5Page - Analog Devices ADCMP565BP Datasheet HTML 6Page - Analog Devices ADCMP565BP Datasheet HTML 7Page - Analog Devices ADCMP565BP Datasheet HTML 8Page - Analog Devices ADCMP565BP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP565
Rev. 0 | Page 4 of 16
Parameter
Symbol
Condition
Min
Typ
Max
Unit
AC PERFORMANCE (continued)
Toggle Rate
>50% output swing
5
Gbps
Minimum Pulse Width
PW
∆tPD from 10 ns to
200 ps < ±50 ps
200
ps
Unit to Unit Propagation Delay Skew
±10
ps
POWER SUPPLY
Positive Supply Current
IV
CC
@ +5.0 V
10
13
18
mA
Negative Supply Current
IV
EE
@ −5.2 V
60
70
80
mA
Positive Supply Voltage
VCC
Dual
4.75
5.0
5.25
V
Negative Supply Voltage
VEE
Dual
−4.96
−5.2
−5.45
V
Power Dissipation
Dual, without load
370
435
490
mW
Power Dissipation
Dual, with load
550
mW
Power Supply Sensitivity—VCC
PSSV
CC
67
dB
Power Supply Sensitivity—VEE
PSSV
EE
83
dB
NOTE:
Under no circumstances should the input voltages exceed the supply voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com