Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP565BP Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP565BP
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP565BP Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP565BP Datasheet HTML 2Page - Analog Devices ADCMP565BP Datasheet HTML 3Page - Analog Devices ADCMP565BP Datasheet HTML 4Page - Analog Devices ADCMP565BP Datasheet HTML 5Page - Analog Devices ADCMP565BP Datasheet HTML 6Page - Analog Devices ADCMP565BP Datasheet HTML 7Page - Analog Devices ADCMP565BP Datasheet HTML 8Page - Analog Devices ADCMP565BP Datasheet HTML 9Page - Analog Devices ADCMP565BP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP565
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
3
2
1
20
19
910
11
12 13
18
17
16
15
14
4
5
6
7
8
PIN 1
IDENTIFIER
NC = NO CONNECT
GND
LEA
NC
VEE
GND
LEB
NC
VCC
ADCMP565
TOP VIEW
(Not to Scale)
LEA
LEB
02820-0-002
Figure 2. ADCMP565 Pin Configuration
Table 3. ADCMP565 Pin Descriptions
Pin No.
Mnemonic
Function
1
NC
No Connect. Leave pin unconnected.
2
QA
One of two complementary outputs for Channel A. QA will be at logic high if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the comparator is
in the compare mode). See the LEA description (Pin 5) for more information.
3
QA
One of two complementary outputs for Channel A. QA will be at logic low if the analog voltage at the
noninverting input is greater than the analog voltage at the inverting input (provided the comparator is
in the compare mode). See the LEA description (Pin 5) for more information.
4
GND
Analog Ground
5
LEA
One of two complementary inputs for Channel A Latch Enable. In the compare mode (logic high), the
output will track changes at the input of the comparator. In the latch mode (logic low), the output will
reflect the input state just prior to the comparator’s being placed in the latch mode. LEA must be driven
in conjunction with LEA.
6
NC
No Connect. Leave pin unconnected or attach to GND (internally connected to GND).
7
LEA
One of two complementary inputs for Channel A Latch Enable. In the compare mode (logic low), the
output will track changes at the input of the comparator. In the latch mode (logic high), the output will
reflect the input state just prior to the comparator’s being placed in the latch mode. LEA must be driven
in conjunction with LEA.
8
VEE
Negative Supply Terminal
9
−INA
Inverting analog input of the differential input stage for Channel A. The inverting A input must be driven
in conjunction with the noninverting A input.
10
+INA
Noninverting analog input of the differential input stage for Channel A. The noninverting A input must
be driven in conjunction with the inverting A input.
11
NC
No Connect. Leave pin unconnected.
12
+INB
Noninverting analog input of the differential input stage for Channel B. The noninverting B input must
be driven in conjunction with the inverting B input.
13
−INB
Inverting analog input of the differential input stage for Channel B. The inverting B input must be driven
in conjunction with the noninverting B input.
14
VCC
Positive Supply Terminal
15
LEB
One of two complementary inputs for Channel B Latch Enable. In the compare mode (logic low), the
output will track changes at the input of the comparator. In the latch mode (logic high), the output will
reflect the input state just prior to the comparator’s being placed in the latch mode. LEB must be driven
in conjunction with LEB.
16
NC
No Connect. Leave pin unconnected or attach to GND (internally connected to GND).
17
LEB
One of two complementary inputs for Channel B Latch Enable. In the compare mode (logic high), the
output will track changes at the input of the comparator. In the latch mode (logic low), the output will
reflect the input state just prior to the comparator’s being placed in the latch mode. LEB must be driven
in conjunction with LEB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com