Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP565BP Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP565BP
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP565BP Datasheet(HTML) 1 Page - Analog Devices

  ADCMP565BP Datasheet HTML 1Page - Analog Devices ADCMP565BP Datasheet HTML 2Page - Analog Devices ADCMP565BP Datasheet HTML 3Page - Analog Devices ADCMP565BP Datasheet HTML 4Page - Analog Devices ADCMP565BP Datasheet HTML 5Page - Analog Devices ADCMP565BP Datasheet HTML 6Page - Analog Devices ADCMP565BP Datasheet HTML 7Page - Analog Devices ADCMP565BP Datasheet HTML 8Page - Analog Devices ADCMP565BP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Ultrafast
Voltage Comparator
ADCMP565
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
300 ps propagation delay input to output
50 ps propagation delay dispersion
Differential ECL compatible outputs
Differential latch control
Robust input protection
Input common-mode range −2.0 V to +3.0 V
Input differential range ±5 V
Power supply sensitivity greater than 65 dB
200 ps minimum pulsewidth
5 GHz equivalent input rise time bandwidth
Typical output rise/fall of 160 ps
SPT 9689 replacement
APPLICATIONS
High speed instrumentation
Scope and logic analyzer front ends
Window comparators
High speed line receivers and signal restoration
Threshold detection
Peak detection
High speed triggers
Patient diagnostics
Disk drive read channel detection
Hand-held test instruments
Zero-crossing detectors
Clock drivers
Automatic test equipment
FUNCTIONAL BLOCK DIAGRAM
NONINVERTING
INPUT
INVERTING
INPUT
LATCH ENABLE
INPUT
Q OUTPUT
Q OUTPUT
LATCH ENABLE
INPUT
02820-0-001
ADCMP565
Figure 1.
GENERAL DESCRIPTION
The ADCMP565 is an ultrafast voltage comparator fabricated
on Analog Devices’ proprietary XFCB process. The device
features 300 ps propagation delay with less than 50 ps overdrive
dispersion. Overdrive dispersion, a particularly important
characteristic of high speed comparators, is a measure of the
difference in propagation delay under differing overdrive
conditions.
A fast, high precision differential input stage permits consis-
tent propagation delay with a wide variety of signals in the
common-mode range from −2.0 V to +3.0 V. Outputs are
complementary digital signals fully compatible with ECL 10 K
and 10 KH logic families. The outputs provide sufficient drive
current to directly drive transmission lines terminated in 50 Ω
to −2 V. A latch input is included, which permits tracking,
track-and-hold, or sample-and-hold modes of operation.
The ADCMP565 is available in a 20-lead PLCC package.


Similar Part No. - ADCMP565BP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP565BP AD-ADCMP565BP Datasheet
202Kb / 16P
Dual Ultrafast Voltage Comparator
More results

Similar Description - ADCMP565BP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT9689 FAIRCHILD-SPT9689 Datasheet
75Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
List of Unclassifed Man...
SPT9687 ETC-SPT9687 Datasheet
111Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP567 AD-ADCMP567 Datasheet
362Kb / 17P
Dual Ultrafast Voltage Comparator
ADCMP566 AD-ADCMP566 Datasheet
207Kb / 16P
Dual Ultrafast Voltage Comparator
10/03-Revision 0
ADCMP565 AD-ADCMP565 Datasheet
202Kb / 16P
Dual Ultrafast Voltage Comparator
logo
Cadeka Microcircuits LL...
SPT9687 CADEKA-SPT9687 Datasheet
196Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689 CADEKA-SPT9689 Datasheet
164Kb / 8P
DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP565 AD-ADCMP565_15 Datasheet
208Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
ADCMP566 AD-ADCMP566_15 Datasheet
213Kb / 16P
Dual Ultrafast Voltage Comparator
REV. 0
ADCMP567 AD-ADCMP567_15 Datasheet
369Kb / 17P
Dual Ultrafast Voltage Comparator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com