Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP565BP Datasheet(PDF) 13 Page - Analog Devices

Part # ADCMP565BP
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP565BP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCMP565BP Datasheet HTML 8Page - Analog Devices ADCMP565BP Datasheet HTML 9Page - Analog Devices ADCMP565BP Datasheet HTML 10Page - Analog Devices ADCMP565BP Datasheet HTML 11Page - Analog Devices ADCMP565BP Datasheet HTML 12Page - Analog Devices ADCMP565BP Datasheet HTML 13Page - Analog Devices ADCMP565BP Datasheet HTML 14Page - Analog Devices ADCMP565BP Datasheet HTML 15Page - Analog Devices ADCMP565BP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADCMP565
Rev. 0 | Page 13 of 16
TEMPERATURE (°C)
315
280
–40
90
310
305
300
295
290
285
–30 –20 –10
0
10
20 30
40
50
60
70
80
02820-0-014
Figure 18. Propagation Delay vs. Temperature
OVERDRIVE VOLTAGE
35
0
0
1.6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
30
25
20
15
10
5
02820-0-013
Figure 19. Propagation Delay Error vs. Overdrive Voltage
TIME (ns)
–0.8
–2.0
0.5
1.5
02820-0-018
RISE
FALL
–1.8
–1.6
–1.4
–1.2
–1.0
0.7
0.9
1.1
1.3
Figure 20. Rise and Fall of Outputs vs. Time
INPUT COMMON-MODE VOLTAGE (V)
304
294
–2
3
02820-0-015
–1
0
1
2
303
302
301
300
299
298
297
296
295
Figure 21. Propagation Delay vs. Common-Mode Voltage
PULSEWIDTH (ns)
0
–5
–10
–15
–20
–25
–30
–35
–40
0.15
02820-0-023
2.15
4.15
6.15
8.15
Figure 22. Propagation Delay Error vs. Pulsewidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com