Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 217 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 217 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 213Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 214Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 215Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 216Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 217Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 218Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 219Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 220Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 215
dsPIC33FJXXXGPX06/X08/X10
REGISTER 19-29: CiTRBnDLC: ECAN™ BUFFER n DATA LENGTH CONTROL (n = 0, 1, ..., 31)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID5
EID4
EID3
EID2
EID1
EID0
RTR
RB1
bit 15
bit 8
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
—
RB0
DLC3
DLC2
DLC1
DLC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
EID<5:0>: Extended Identifier bits
bit 9
RTR: Remote Transmission Request bit
1
= Message will request remote transmission
0
= Normal message
bit 8
RB1: Reserved Bit 1
User must set this bit to ‘0’ per CAN protocol.
bit 7-5
Unimplemented: Read as ‘0’
bit 4
RB0: Reserved Bit 0
User must set this bit to ‘0’ per CAN protocol.
bit 3-0
DLC<3:0>: Data Length Code bits
REGISTER 19-30: CiTRBnDm: ECAN™ BUFFER n DATA FIELD BYTE m (n = 0, 1, ..., 31; m = 0, 1, ...,
7)(1)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
TRBnDm7
TRBnDm6
TRBnDm5
TRBnDm4
TRBnDm3
TRBnDm2
TRBnDm1
TRBnDm0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TRBnDm<7:0>: Data Field Buffer ‘n’ Byte ‘m’ bits
Note 1: The Most Significant Byte contains byte (m + 1) of the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com