Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 61 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 61 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 57Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 58Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 59Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 60Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 61Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 62Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 63Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 64Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 322 page
background image
TABLE 4-27:
PORTC REGISTER MAP(1)
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISC
02CC
TRISC15 TRISC14 TRISC13 TRISC12
—
—
—
—
—
—
—
TRISC4
TRISC3
TRISC2
TRISC1
—
F01E
PORTC
02CE
RC15
RC14
RC13
RC12
—
—
—
—
—
—
—
RC4
RC3
RC2
RC1
—
xxxx
LATC
02D0
LATC15
LATC14
LATC13
LATC12
—
—
—
—
—
—
—
LATC4
LATC3
LATC2
LATC1
—
xxxx
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for PinHigh devices.
Note
1:
The actual set of I/O port pins varies from one device to another. Please refer to the corresponding pinout diagrams.
TABLE 4-28:
PORTD REGISTER MAP(1)
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISD
02D2
TRISD15
TRISD14
TRISD13
TRISD12
TRISD11
TRISD10
TRISD9
TRISD8
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
FFFF
PORTD
02D4
RD15
RD14
RD13
RD12
RD11
RD10
RD9
RD8
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx
LATD
02D6
LATD15
LATD14
LATD13
LATD12
LATD11
LATD10
LATD9
LATD8
LATD7
LATD6
LATD5
LATD4
LATD3
LATD2
LATD1
LATD0
xxxx
ODCD
06D2
ODCD15
ODCD14
ODCD13
ODCD12
ODCD11
ODCD10
ODCD9
ODCD8
ODCD7
ODCD6
ODCD5
ODCD4
ODCD3
ODCD2
ODCD1
ODCD0
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for PinHigh devices.
Note
1:
The actual set of I/O port pins varies from one device to another. Please refer to the corresponding pinout diagrams.
TABLE 4-29:
PORTE REGISTER MAP(1)
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISE
02D8
—
—
—
—
—
—
—
—
TRISE7
TRISE6
TRISE5
TRISE4
TRISE3
TRISE2
TRISE1
TRISE0
00FF
PORTE
02DA
—
—
—
—
—
—
—
—
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
xxxx
LATE
02DC
—
—
—
—
—
—
—
—
LATE7
LATE6
LATE5
LATE4
LATE3
LATE2
LATE1
LATE0
xxxx
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for PinHigh devices.
Note
1:
The actual set of I/O port pins varies from one device to another. Please refer to the corresponding pinout diagrams.
TABLE 4-30:
PORTF REGISTER MAP(1)
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All Resets
TRISF
02DE
—
—
TRISF13
TRISF12
—
—
—
TRISF8
TRISF7
TRISF6
TRISF5
TRISF4
TRISF3
TRISF2
TRISF1
TRISF0
31FF
PORTF
02E0
—
—
RF13
RF12
—
—
—
RF8
RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
xxxx
LATF
02E2
—
—
LATF13
LATF12
—
—
—
LATF8
LATF7
LATF6
LATF5
LATF4
LATF3
LATF2
LATF1
LATF0
xxxx
ODCF
06DE
—
—
ODCF13
ODCF12
—
—
—
ODCF8
ODCF7
ODCF6
ODCF5
ODCF4
ODCF3
ODCF2
ODCF1
ODCF0
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for PinHigh devices.
Note
1:
The actual set of I/O port pins varies from one device to another. Please refer to the corresponding pinout diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com