Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 28 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 28 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 24Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 25Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 26Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 27Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 28Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 29Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 30Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 31Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 26
© 2009 Microchip Technology Inc.
REGISTER 3-2:
CORCON: CORE CONTROL REGISTER
U-0
U-0
U-0
R/W-0
R/W-0
R-0
R-0
R-0
—
—
—US
EDT(1)
DL<2:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-1
R/W-0
R/C-0
R/W-0
R/W-0
R/W-0
SATA
SATB
SATDW
ACCSAT
IPL3(2)
PSV
RND
IF
bit 7
bit 0
Legend:
C = Clear only bit
R = Readable bit
W = Writable bit
-n = Value at POR
‘1’ = Bit is set
0’ = Bit is cleared
‘x = Bit is unknown
U = Unimplemented bit, read as ‘0’
bit 15-13
Unimplemented: Read as ‘0’
bit 12
US: DSP Multiply Unsigned/Signed Control bit
1
= DSP engine multiplies are unsigned
0
= DSP engine multiplies are signed
bit 11
EDT: Early DO Loop Termination Control bit(1)
1
= Terminate executing DO loop at end of current loop iteration
0
= No effect
bit 10-8
DL<2:0>: DO Loop Nesting Level Status bits
111
= 7 DO loops active
•
•
•
001
= 1 DO loop active
000
= 0 DO loops active
bit 7
SATA: AccA Saturation Enable bit
1
= Accumulator A saturation enabled
0
= Accumulator A saturation disabled
bit 6
SATB: AccB Saturation Enable bit
1
= Accumulator B saturation enabled
0
= Accumulator B saturation disabled
bit 5
SATDW: Data Space Write from DSP Engine Saturation Enable bit
1
= Data space write saturation enabled
0
= Data space write saturation disabled
bit 4
ACCSAT: Accumulator Saturation Mode Select bit
1
= 9.31 saturation (super saturation)
0
= 1.31 saturation (normal saturation)
bit 3
IPL3: CPU Interrupt Priority Level Status bit 3(2)
1
= CPU interrupt priority level is greater than 7
0
= CPU interrupt priority level is 7 or less
bit 2
PSV: Program Space Visibility in Data Space Enable bit
1
= Program space visible in data space
0
= Program space not visible in data space
bit 1
RND: Rounding Mode Select bit
1
= Biased (conventional) rounding enabled
0
= Unbiased (convergent) rounding enabled
bit 0
IF: Integer or Fractional Multiplier Mode Select bit
1
= Integer mode enabled for DSP multiply ops
0
= Fractional mode enabled for DSP multiply ops
Note 1: This bit will always read as ‘0’.
2: The IPL3 bit is concatenated with the IPL<2:0> bits (SR<7:5>) to form the CPU interrupt priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com