Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 57 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 57 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 53Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 54Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 55Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 56Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 57Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 58Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 59Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 60Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 322 page
background image
TABLE 4-21:
ECAN2 REGISTER MAP WHEN C2CTRL1.WIN = 0 OR 1 FOR dsPIC33FJXXXGP706/708/710 DEVICES ONLY
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
C2CTRL1
0500
—
—CSIDL
ABAT
—
REQOP<2:0>
OPMODE<2:0>
—
CANCAP
—
—WIN
0480
C2CTRL2
0502
—
—
—
—
—
—
—
—
—
—
—
DNCNT<4:0>
0000
C2VEC
0504
—
—
—
FILHIT<4:0>
—
ICODE<6:0>
0000
C2FCTRL
0506
DMABS<2:0>
—
—
—
—
—
—
—
—
FSA<4:0>
0000
C2FIFO
0508
—
—
FBP<5:0>
—
—
FNRB<5:0>
0000
C2INTF
050A
—
—
TXBO
TXBP
RXBP
TXWAR
RXWAR EWARN
IVRIF
WAKIF
ERRIF
—
FIFOIF
RBOVIF
RBIF
TBIF
0000
C2INTE
050C
—
—
—
—
—
—
—
—
IVRIE
WAKIE
ERRIE
—
FIFOIE
RBOVIE
RBIE
TBIE
0000
C2EC
050E
TERRCNT<7:0>
RERRCNT<7:0>
0000
C2CFG1
0510
—
—
—
—
—
—
—
—
SJW<1:0>
BRP<5:0>
0000
C2CFG2
0512
—
WAKFIL
—
—
—
SEG2PH<2:0>
SEG2PHTS
SAM
SEG1PH<2:0>
PRSEG<2:0>
0000
C2FEN1
0514
FLTEN15
FLTEN14 FLTEN13 FLTEN12 FLTEN11 FLTEN10 FLTEN9 FLTEN8
FLTEN7
FLTEN6 FLTEN5 FLTEN4 FLTEN3
FLTEN2 FLTEN1 FLTEN0
FFFF
C2FMSKSEL1
0518
F7MSK<1:0>
F6MSK<1:0>
F5MSK<1:0>
F4MSK<1:0>
F3MSK<1:0>
F2MSK<1:0>
F1MSK<1:0>
F0MSK<1:0>
0000
C2FMSKSEL2
051A
F15MSK<1:0>
F14MSK<1:0>
F13MSK<1:0>
F12MSK<1:0>
F11MSK<1:0>
F10MSK<1:0>
F9MSK<1:0>
F8MSK<1:0>
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-22:
ECAN2 REGISTER MAP WHEN C2CTRL1.WIN = 0 FOR dsPIC33FJXXXGP706/708/710 DEVICES ONLY
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
0500-
051E
See definition when WIN = x
C2RXFUL1
0520 RXFUL15 RXFUL14 RXFUL13 RXFUL12 RXFUL11 RXFUL10 RXFUL9
RXFUL8
RXFUL7
RXFUL6
RXFUL5
RXFUL4
RXFUL3
RXFUL2
RXFUL1
RXFUL0
0000
C2RXFUL2
0522 RXFUL31 RXFUL30 RXFUL29 RXFUL28 RXFUL27 RXFUL26 RXFUL25 RXFUL24 RXFUL23 RXFUL22 RXFUL21 RXFUL20 RXFUL19 RXFUL18 RXFUL17 RXFUL16 0000
C2RXOVF1
0528 RXOVF15 RXOVF14 RXOVF13 RXOVF12 RXOVF11 RXOVF10 RXOVF09 RXOVF08 RXOVF7
RXOVF6
RXOVF5
RXOVF4
RXOVF3
RXOVF2 RXOVF1 RXOVF0
0000
C2RXOVF2
052A RXOVF31 RXOVF30 RXOVF29 RXOVF28 RXOVF27 RXOVF26 RXOVF25 RXOVF24 RXOVF23 RXOVF22 RXOVF21 RXOVF20 RXOVF19 RXOVF18 RXOVF17 RXOVF16 0000
C2TR01CON 0530
TXEN1
TX
ABAT1
TX
LARB1
TX
ERR1
TX
REQ1
RTREN1
TX1PRI<1:0>
TXEN0
TX
ABAT0
TX
LARB0
TX
ERR0
TX
REQ0
RTREN0
TX0PRI<1:0>
0000
C2TR23CON 0532
TXEN3
TX
ABAT3
TX
LARB3
TX
ERR3
TX
REQ3
RTREN3
TX3PRI<1:0>
TXEN2
TX
ABAT2
TX
LARB2
TX
ERR2
TX
REQ2
RTREN2
TX2PRI<1:0>
0000
C2TR45CON 0534
TXEN5
TX
ABAT5
TX
LARB5
TX
ERR5
TX
REQ5
RTREN5
TX5PRI<1:0>
TXEN4
TX
ABAT4
TX
LARB4
TX
ERR4
TX
REQ4
RTREN4
TX4PRI<1:0>
0000
C2TR67CON 0536
TXEN7
TX
ABAT7
TX
LARB7
TX
ERR7
TX
REQ7
RTREN7
TX7PRI<1:0>
TXEN6
TX
ABAT6
TX
LARB6
TX
ERR6
TX
REQ6
RTREN6
TX6PRI<1:0>
xxxx
C2RXD
0540
Recieved Data Word
xxxx
C2TXD
0542
Transmit Data Word
xxxx
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com