Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 35 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 35 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 31Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 32Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 33Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 34Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 35Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 36Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 37Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 38Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 33
dsPIC33FJXXXGPX06/X08/X10
4.0
MEMORY ORGANIZATION
The
dsPIC33FJXXXGPX06/X08/X10
architecture
features separate program and data memory spaces
and buses. This architecture also allows the direct
access of program memory from the data space during
code execution.
4.1
Program Address Space
The program address memory space of the
dsPIC33FJXXXGPX06/X08/X10
devices
is
4M
instructions. The space is addressable by a 24-bit
value derived from either the 23-bit Program Counter
(PC) during program execution, or from table operation
or data space remapping as described in Section 4.6
“Interfacing Program and Data Memory Spaces”.
User access to the program memory space is restricted
to the lower half of the address range (0x000000 to
0x7FFFFF). The exception is the use of TBLRD/TBLWT
operations, which use TBLPAG<7> to permit access to
the Configuration bits and Device ID sections of the
configuration memory space. Memory usage for the
dsPIC33FJXXXGPX06/X08/X10 of devices is shown in
Figure 4-1.
FIGURE 4-1:
PROGRAM MEMORY FOR dsPIC33FJXXXGPX06/X08/X10 DEVICES
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 3. “Data
Memory” (DS70202) and Section 4.
“Program Memory” (DS70203) in the
“dsPIC33F Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com).
Reset Address
0x000000
0x0000FE
0x000002
0x000100
Device Configuration
User Program
Flash Memory
0x00AC00
0x00ABFE
(22K instructions)
0x800000
0xF80000
Registers
0xF80017
0xF80010
DEVID (2)
0xFEFFFE
0xFF0000
0xFFFFFE
0xF7FFFE
Unimplemented
(Read ‘0’s)
GOTO
Instruction
0x000004
Reserved
0x7FFFFE
Reserved
0x000200
0x0001FE
0x000104
Alternate Vector Table
Reserved
Interrupt Vector Table
Reset Address
Device Configuration
Registers
DEVID (2)
Unimplemented
(Read ‘0’s)
GOTO
Instruction
Reserved
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
Reset Address
Device Configuration
User Program
Flash Memory
(88K instructions)
Registers
DEVID (2)
GOTO
Instruction
Reserved
Reserved
Alternate Vector Table
Reserved
Interrupt Vector Table
dsPIC33FJ64GPXXX
dsPIC33FJ128GPXXX
dsPIC33FJ256GPXXX
0x015800
0x0157FE
Note:
Memory areas are not shown to scale.
User Program
(44K instructions)
Flash Memory
(Read ‘0’s)
Unimplemented
0x02AC00
0x02ABFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com