Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 233 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 233 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 229Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 230Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 231Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 232Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 233Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 234Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 235Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 236Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 231
dsPIC33FJXXXGPX06/X08/X10
REGISTER 21-3:
ADxCON3: ADCx CONTROL REGISTER 3
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADRC
—
—
SAMC<4:0>(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS<7:0>(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ADRC: ADC Conversion Clock Source bit
1
= ADC internal RC clock
0
= Clock derived from system clock
bit 14-13
Unimplemented: Read as ‘0’
bit 12-8
SAMC<4:0>: Auto Sample Time bits(1)
11111
= 31 TAD
•
•
•
00001
= 1 TAD
00000
= 0 TAD
bit 7-0
ADCS<7:0>: ADC Conversion Clock Select bits(2)
11111111
= Reserved
•
•
•
01000000
= Reserved
00111111
= TCY · (ADCS<7:0> + 1) = 64 · TCY = TAD
•
•
•
00000010
= TCY · (ADCS<7:0> + 1) = 3 · TCY = TAD
00000001
= TCY · (ADCS<7:0> + 1) = 2 · TCY = TAD
00000000
= TCY · (ADCS<7:0> + 1) = 1 · TCY = TAD
Note 1: This bit only used if ADxCON1<SSRC> = 1.
2: This bit is not used if ADxCON3<ADRC> = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com