Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 253 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 253 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 249Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 250Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 251Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 252Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 253Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 254Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 255Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 256Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 251
dsPIC33FJXXXGPX06/X08/X10
48
MPY
MPY
Wm*Wn,Acc,Wx,Wxd,Wy,Wyd
Multiply Wm by Wn to Accumulator
1
1
OA,OB,OAB,
SA,SB,SAB
MPY
Wm*Wm,Acc,Wx,Wxd,Wy,Wyd
Square Wm to Accumulator
1
1
OA,OB,OAB,
SA,SB,SAB
49
MPY.N
MPY.N
Wm*Wn,Acc,Wx,Wxd,Wy,Wyd
-(Multiply Wm by Wn) to Accumulator
1
1
None
50
MSC
MSC
Wm*Wm,Acc,Wx,Wxd,Wy,Wyd
,
AWB
Multiply and Subtract from Accumulator
1
1
OA,OB,OAB,
SA,SB,SAB
51
MUL
MUL.SS
Wb,Ws,Wnd
{Wnd + 1, Wnd} = signed(Wb) * signed(Ws)
1
1
None
MUL.SU
Wb,Ws,Wnd
{Wnd + 1, Wnd} = signed(Wb) * unsigned(Ws)
1
1
None
MUL.US
Wb,Ws,Wnd
{Wnd + 1, Wnd} = unsigned(Wb) * signed(Ws)
1
1
None
MUL.UU
Wb,Ws,Wnd
{Wnd + 1, Wnd} = unsigned(Wb) *
unsigned(Ws)
1
1
None
MUL.SU
Wb,#lit5,Wnd
{Wnd + 1, Wnd} = signed(Wb) * unsigned(lit5)
1
1
None
MUL.UU
Wb,#lit5,Wnd
{Wnd + 1, Wnd} = unsigned(Wb) *
unsigned(lit5)
1
1
None
MUL
f
W3:W2 = f * WREG
1
1
None
52
NEG
NEG
Acc
Negate Accumulator
1
1
OA,OB,OAB,
SA,SB,SAB
NEG
f
f = f + 1
1
1
C,DC,N,OV,Z
NEG
f,WREG
WREG = f + 1
1
1
C,DC,N,OV,Z
NEG
Ws,Wd
Wd = Ws + 1
1
1
C,DC,N,OV,Z
53
NOP
NOP
No Operation
1
1
None
NOPR
No Operation
1
1
None
54
POP
POP
f
Pop f from Top-of-Stack (TOS)
1
1
None
POP
Wdo
Pop from Top-of-Stack (TOS) to Wdo
1
1
None
POP.D
Wnd
Pop from Top-of-Stack (TOS) to
W(nd):W(nd + 1)
1
2
None
POP.S
Pop Shadow Registers
1
1
All
55
PUSH
PUSH
f
Push f to Top-of-Stack (TOS)
1
1
None
PUSH
Wso
Push Wso to Top-of-Stack (TOS)
1
1
None
PUSH.D
Wns
Push W(ns):W(ns + 1) to Top-of-Stack (TOS)
1
2
None
PUSH.S
Push Shadow Registers
1
1
None
56
PWRSAV
PWRSAV
#lit1
Go into Sleep or Idle mode
1
1
WDTO,Sleep
57
RCALL
RCALL
Expr
Relative Call
1
2
None
RCALL
Wn
Computed Call
1
2
None
58
REPEAT
REPEAT
#lit14
Repeat Next Instruction lit14 + 1 times
1
1
None
REPEAT
Wn
Repeat Next Instruction (Wn) + 1 times
1
1
None
59
RESET
RESET
Software device Reset
1
1
None
60
RETFIE
RETFIE
Return from interrupt
1
3 (2)
None
61
RETLW
RETLW
#lit10,Wn
Return with literal in Wn
1
3 (2)
None
62
RETURN
RETURN
Return from Subroutine
1
3 (2)
None
63
RLC
RLC
f
f = Rotate Left through Carry f
1
1
C,N,Z
RLC
f,WREG
WREG = Rotate Left through Carry f
1
1
C,N,Z
RLC
Ws,Wd
Wd = Rotate Left through Carry Ws
1
1
C,N,Z
64
RLNC
RLNC
f
f = Rotate Left (No Carry) f
1
1
N,Z
RLNC
f,WREG
WREG = Rotate Left (No Carry) f
1
1
N,Z
RLNC
Ws,Wd
Wd = Rotate Left (No Carry) Ws
1
1
N,Z
65
RRC
RRC
f
f = Rotate Right through Carry f
1
1
C,N,Z
RRC
f,WREG
WREG = Rotate Right through Carry f
1
1
C,N,Z
RRC
Ws,Wd
Wd = Rotate Right through Carry Ws
1
1
C,N,Z
TABLE 23-2:
INSTRUCTION SET OVERVIEW (CONTINUED)
Base
Instr
#
Assembly
Mnemonic
Assembly Syntax
Description
# of
Words
# of
Cycles
Status Flags
Affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com