Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 291 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 291 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 287Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 288Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 289Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 290Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 291Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 292Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 293Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 294Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 289
dsPIC33FJXXXGPX06/X08/X10
TABLE 25-37: ADC MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
Greater of
VDD - 0.3
or 3.0
—
Lesser of
VDD + 0.3
or 3.6
V—
AD02
AVSS
Module VSS Supply
VSS - 0.3
—
VSS + 0.3
V
—
Reference Inputs
AD05
VREFH
Reference Voltage High AVSS + 2.7
—
AVDD
V
See Note 2
AD05a
3.0
—
3.6
V
VREFH = AVDD
VREFL = AVSS = 0
AD06
VREFL
Reference Voltage Low
AVSS
—AVDD - 2.7
V
See Note 2
AD06a
0
—
0
V
VREFH = AVDD
VREFL = AVSS = 0
AD07
VREF
Absolute Reference
Voltage
3.0
—
3.6
V
VREF = VREFH - VREFL
AD08
IREF
Current Drain
—
—
250
—
550
1
μΑ
μΑ
ADC operating, see Note 2
ADC off, see Note 2
AD08a
IAD
Operating Current
—
—
7.0
2.7
9.0
3.2
mA
mA
10-bit ADC mode, See Note 3
12-bit ADC mode, See Note 3
Analog Input
AD12
VINH
Input Voltage Range
VINH
VINL
—VREFH
V
This voltage reflects Sample
and Hold Channels 0, 1, 2,
and 3 (CH0-CH3), positive
input. See Note 1
AD13
VINL
Input Voltage Range
VINL
VREFL
—AVSS + 1V
V
This voltage reflects Sample
and Hold Channels 0, 1, 2,
and 3 (CH0-CH3), negative
input. See Note 1
AD17
RIN
Recommended Imped-
ance of Analog Voltage
Source
—
—
200
200
Ω
Ω
10-bit
12-bit
Note 1: The ADC conversion result never decreases with an increase in the input voltage, and has no missing
codes.
2: These parameters are not characterized or tested in manufacturing.
3: These parameters are characterized; but are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com