Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 304 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 304 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 300Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 301Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 302Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 303Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 304Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 305Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 306Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 307Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 308Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 302
© 2009 Microchip Technology Inc.
100-Lead Plastic Thin Quad Flatpack (PT) – 12x12x1 mm Body, 2.00 mm Footprint [TQFP]
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Chamfers at corners are optional; size may vary.
3. Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.25 mm per side.
4. Dimensioning and tolerancing per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Units
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
Number of Leads
N
100
Lead Pitch
e
0.40 BSC
Overall Height
A
–
–
1.20
Molded Package Thickness
A2
0.95
1.00
1.05
Standoff
A1
0.05
–
0.15
Foot Length
L
0.45
0.60
0.75
Footprint
L1
1.00 REF
Foot Angle
φ
0°
3.5°
7°
Overall Width
E
14.00 BSC
Overall Length
D
14.00 BSC
Molded Package Width
E1
12.00 BSC
Molded Package Length
D1
12.00 BSC
Lead Thickness
c
0.09
–
0.20
Lead Width
b
0.13
0.18
0.23
Mold Draft Angle Top
α
11°
12°
13°
Mold Draft Angle Bottom
β
11°
12°
13°
D
D1
E
E1
e
b
N
123
NOTE 1
NOTE 2
c
L
A1
L1
A
A2
α
β
φ
Microchip Technology Drawing C04-100B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com