Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 126 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 126 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 122Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 123Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 124Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 125Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 126Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 127Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 128Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 129Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 124
© 2009 Microchip Technology Inc.
REGISTER 7-33:
INTTREG: INTERRUPT CONTROL AND STATUS REGISTER
U-0
U-0
U-0
U-0
R-0
R-0
R-0
R-0
—
—
—
—ILR<3:0>
bit 15
bit 8
U-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
—
VECNUM<6:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented: Read as ‘0’
bit 11-8
ILR<3:0>: New CPU Interrupt Priority Level bits
1111
= CPU Interrupt Priority Level is 15
•
•
•
0001
= CPU Interrupt Priority Level is 1
0000
= CPU Interrupt Priority Level is 0
bit 7
Unimplemented: Read as ‘0’
bit 6-0
VECNUM<6:0>: Vector Number of Pending Interrupt bits
0111111
= Interrupt Vector pending is number 135
•
•
•
0000001
= Interrupt Vector pending is number 9
0000000
= Interrupt Vector pending is number 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com