Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 141 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 141 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 137Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 138Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 139Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 140Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 141Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 142Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 143Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 144Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 139
dsPIC33FJXXXGPX06/X08/X10
For example, suppose a 10 MHz crystal is being used,
with “XT with PLL” being the selected oscillator mode.
If PLLPRE<4:0> = 0, then N1 = 2. This yields a VCO
input of 10/2 = 5 MHz, which is within the acceptable
range of 0.8-8 MHz. If PLLDIV<8:0> = 0x1E, then
M = 32. This yields a VCO output of 5 x 32 = 160 MHz,
which is within the 100-200 MHz range needed.
If PLLPOST<1:0> = 0, then N2 = 2. This provides a
Fosc of 160/2 = 80 MHz. The resultant device operating
speed is 80/2 = 40 MIPS.
EQUATION 9-3:
XT WITH PLL MODE
EXAMPLE
FIGURE 9-2:
dsPIC33FJXXXGPX06/X08/X10 PLL BLOCK DIAGRAM
TABLE 9-1:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
FCY
FOSC
2
-------------
1
2
--- 10000000 32
⋅
22
⋅
----------------------------------
⎝⎠
⎛⎞
40 MIPS
==
=
Oscillator Mode
Oscillator Source
POSCMD<1:0>
FNOSC<2:0>
Note
Fast RC Oscillator with Divide-by-N
(FRCDIVN)
Internal
xx
111
1, 2
Fast RC Oscillator with Divide-by-16
(FRCDIV16)
Internal
xx
110
1
Low-Power RC Oscillator (LPRC)
Internal
xx
101
1
Secondary (Timer1) Oscillator (SOSC)
Secondary
xx
100
1
Primary Oscillator (HS) with PLL
(HSPLL)
Primary
10
011
—
Primary Oscillator (XT) with PLL
(XTPLL)
Primary
01
011
—
Primary Oscillator (EC) with PLL
(ECPLL)
Primary
00
011
1
Primary Oscillator (HS)
Primary
10
010
—
Primary Oscillator (XT)
Primary
01
010
—
Primary Oscillator (EC)
Primary
00
010
1
Fast RC Oscillator with PLL (FRCPLL)
Internal
xx
001
1
Fast RC Oscillator (FRC)
Internal
xx
000
1
Note 1: OSC2 pin function is determined by the OSCIOFNC Configuration bit.
2: This is the default oscillator mode for an unprogrammed (erased) device.
0.8-8.0 MHz
Here(1)
100-200 MHz
Here(1)
Divide by
2, 4, 8
Divide by
2-513
Divide by
2-33
Source (Crystal, External Clock
PLLPRE
X
VCO
PLLDIV
PLLPOST
or Internal RC)
12.5-80 MHz
Here(1)
FOSC
Note 1: This frequency range must be satisfied at all times.
FVCO
N1
M
N2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com