Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 157 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 157 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 153Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 154Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 155Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 156Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 157Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 158Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 159Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 160Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 155
dsPIC33FJXXXGPX06/X08/X10
11.0 I/O PORTS
All of the device pins (except VDD, VSS, MCLR and
OSC1/CLKIN) are shared between the peripherals and
the parallel I/O ports. All I/O input ports feature Schmitt
Trigger inputs for improved noise immunity.
11.1
Parallel I/O (PIO) Ports
A parallel I/O port that shares a pin with a peripheral is,
in general, subservient to the peripheral. The
peripheral’s output buffer data and control signals are
provided to a pair of multiplexers. The multiplexers
select whether the peripheral or the associated port
has ownership of the output data and control signals of
the I/O pin. The logic also prevents “loop through”, in
which a port’s digital output can drive the input of a
peripheral that shares the same pin. Figure 11-1 illus-
trates how ports are shared with other peripherals and
the associated I/O pin to which they are connected.
When a peripheral is enabled and actively driving an
associated pin, the use of the pin as a general purpose
output pin is disabled. The I/O pin may be read, but the
output driver for the parallel port bit will be disabled. If
a peripheral is enabled, but the peripheral is not
actively driving a pin, that pin may be driven by a port.
All port pins have three registers directly associated
with their operation as digital I/O. The data direction
register (TRISx) determines whether the pin is an input
or an output. If the data direction bit is a ‘1’, then the pin
is an input. All port pins are defined as inputs after a
Reset. Reads from the latch (LATx), read the latch.
Writes to the latch, write the latch. Reads from the port
(PORTx), read the port pins, while writes to the port
pins, write the latch.
Any bit and its associated data and control registers
that are not valid for a particular device will be
disabled. That means the corresponding LATx and
TRISx registers and the port pins will read as zeros.
When a pin is shared with another peripheral or
function that is defined as an input only, it is
nevertheless regarded as a dedicated port because
there is no other competing source of outputs. An
example is the INT4 pin.
FIGURE 11-1:
BLOCK DIAGRAM OF A TYPICAL SHARED PORT STRUCTURE
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 10. “I/O
Ports” (DS70193) in the “dsPIC33F
Family Reference Manual”, which is avail-
able from the Microchip web site
(www.microchip.com).
Note:
The voltage on a digital input pin can be
between -0.3V to 5.6V.
Q
D
CK
WR LAT +
TRIS Latch
I/O Pin
WR PORT
Data Bus
Q
D
CK
Data Latch
Read Port
Read TRIS
1
0
1
0
WR TRIS
Peripheral Output Data
Output Enable
Peripheral Input Data
I/O
Peripheral Module
Peripheral Output Enable
PIO Module
Output Multiplexers
Output Data
Input Data
Peripheral Module Enable
Read LAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com