Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 188 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 188 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 184Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 185Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 186Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 187Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 188Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 189Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 190Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 191Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 186
© 2009 Microchip Technology Inc.
REGISTER 18-1:
UxMODE: UARTx MODE REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
UARTEN(1)
—
USIDL
IREN(2)
RTSMD
—UEN<1:0>
bit 15
bit 8
R/W-0 HC
R/W-0
R/W-0 HC
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WAKE
LPBACK
ABAUD
URXINV
BRGH
PDSEL<1:0>
STSEL
bit 7
bit 0
Legend:
HC = Hardware cleared
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
UARTEN: UARTx Enable bit(1)
1
= UARTx is enabled; all UARTx pins are controlled by UARTx as defined by UEN<1:0>
0
= UARTx is disabled; all UARTx pins are controlled by port latches; UARTx power consumption
minimal
bit 14
Unimplemented: Read as ‘0’
bit 13
USIDL: Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12
IREN: IrDA® Encoder and Decoder Enable bit(2)
1
=IrDA® encoder and decoder enabled
0
=IrDA® encoder and decoder disabled
bit 11
RTSMD: Mode Selection for UxRTS Pin bit
1
=UxRTS pin in Simplex mode
0
=UxRTS pin in Flow Control mode
bit 10
Unimplemented: Read as ‘0’
bit 9-8
UEN<1:0>: UARTx Enable bits
11
= UxTX, UxRX and BCLK pins are enabled and used; UxCTS pin controlled by port latches
10
= UxTX, UxRX, UxCTS and UxRTS pins are enabled and used
01
= UxTX, UxRX and UxRTS pins are enabled and used; UxCTS pin controlled by port latches
00
= UxTX and UxRX pins are enabled and used; UxCTS and UxRTS/BCLK pins controlled by
port latches
bit 7
WAKE: Wake-up on Start bit Detect During Sleep Mode Enable bit
1
= UARTx will continue to sample the UxRX pin; interrupt generated on falling edge; bit cleared
in hardware on following rising edge
0
= No wake-up enabled
bit 6
LPBACK: UARTx Loopback Mode Select bit
1
= Enable Loopback mode
0
= Loopback mode is disabled
bit 5
ABAUD: Auto-Baud Enable bit
1
= Enable baud rate measurement on the next character - requires reception of a Sync field (55h)
before other data; cleared in hardware upon completion
0
= Baud rate measurement disabled or completed
Note 1: Refer to Section 17. “UART” (DS70188) in the “dsPIC33F Family Reference Manual” for information on
enabling the UART module for receive or transmit operation.
2: This feature is only available for the 16x BRG mode (BRGH = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com