Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 240 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 240 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 236Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 237Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 238Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 239Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 240Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 241Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 242Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 243Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 238
© 2009 Microchip Technology Inc.
TABLE 22-2:
dsPIC33FJXXXGPX06/X08/X10 CONFIGURATION BITS DESCRIPTION
Bit Field
Register
Description
BWRP
FBS
Boot Segment Program Flash Write Protection
1
= Boot segment may be written
0
= Boot segment is write-protected
BSS<2:0>
FBS
Boot Segment Program Flash Code Protection Size
X11
= No Boot program Flash segment
Boot space is 1K IW less VS
110
= Standard security; boot program Flash segment starts at End of VS, ends
at 0007FEh
010
= High security; boot program Flash segment starts at End of VS, ends at
0007FEh
Boot space is 4K IW less VS
101
= Standard security; boot program Flash segment starts at End of VS, ends
at 001FFEh
001
= High security; boot program Flash segment starts at End of VS, ends at
001FFEh
Boot space is 8K IW less VS
100
= Standard security; boot program Flash segment starts at End of VS, ends
at 003FFEh
000
= High security; boot program Flash segment starts at End of VS, ends at
003FFEh
RBS<1:0>
FBS
Boot Segment RAM Code Protection
11
= No Boot RAM defined
10
= Boot RAM is 128 Bytes
01
= Boot RAM is 256 Bytes
00
= Boot RAM is 1024 Bytes
SWRP
FSS
Secure Segment Program Flash Write Protection
1
= Secure segment may be written
0
= Secure segment is write-protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com