Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 75 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 75 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 71Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 72Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 73Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 74Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 75Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 76Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 77Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 78Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 73
dsPIC33FJXXXGPX06/X08/X10
REGISTER 5-1:
NVMCON: FLASH MEMORY CONTROL REGISTER
R/SO-0(1)
R/W-0(1)
R/W-0(1)
U-0
U-0
U-0
U-0
U-0
WR
WREN
WRERR
—
—
—
—
—
bit 15
bit 8
U-0
R/W-0(1)
U-0
U-0
R/W-0(1)
R/W-0(1)
R/W-0(1)
R/W-0(1)
—
ERASE
—
—NVMOP<3:0>(2)
bit 7
bit 0
Legend:
SO = Settable only bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
WR: Write Control bit
1
= Initiates a Flash memory program or erase operation. The operation is self-timed and the bit is
cleared by hardware once operation is complete
0
= Program or erase operation is complete and inactive
bit 14
WREN: Write Enable bit
1
= Enable Flash program/erase operations
0
= Inhibit Flash program/erase operations
bit 13
WRERR: Write Sequence Error Flag bit
1
= An improper program or erase sequence attempt or termination has occurred (bit is set
automatically on any set attempt of the WR bit)
0
= The program or erase operation completed normally
bit 12-7
Unimplemented: Read as ‘0’
bit 6
ERASE: Erase/Program Enable bit
1
= Perform the erase operation specified by NVMOP<3:0> on the next WR command
0
= Perform the program operation specified by NVMOP<3:0> on the next WR command
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
NVMOP<3:0>: NVM Operation Select bits(2)
If ERASE = 1:
1111
= Memory bulk erase operation
1110
= Reserved
1101
= Erase General Segment
1100
= Erase Secure Segment
1011
= Reserved
0011
= No operation
0010
= Memory page erase operation
0001
= No operation
0000
= Erase a single Configuration register byte
If ERASE = 0:
1111
= No operation
1110
= Reserved
1101
= No operation
1100
= No operation
1011
= Reserved
0011
= Memory word program operation
0010
= No operation
0001
= Memory row program operation
0000
= Program a single Configuration register byte
Note 1: These bits can only be reset on POR.
2: All other combinations of NVMOP<3:0> are unimplemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com