Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 62 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 62 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 58Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 59Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 60Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 61Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 62Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 63Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 64Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 65Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 322 page
background image
TABLE 4-31:
PORTG REGISTER MAP(1)
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
TRISG
02E4
TRISG15
TRISG14
TRISG13
TRISG12
—
—
TRISG9
TRISG8
TRISG7
TRISG6
—
—
TRISG3
TRISG2
TRISG1
TRISG0
F3CF
PORTG
02E6
RG15
RG14
RG13
RG12
—
—
RG9
RG8
RG7
RG6
—
—
RG3
RG2
RG1
RG0
xxxx
LATG
02E8
LATG15
LATG14
LATG13
LATG12
—
—
LATG9
LATG8
LATG7
LATG6
—
—
LATG3
LATG2
LATG1
LATG0
xxxx
ODCG
06E4
ODCG15
ODCG14
ODCG13
ODCG12
—
—
ODCG9
ODCG8
ODCG7
ODCG6
—
—
ODCG3
ODCG2
ODCG1
ODCG0
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal for PinHigh devices.
Note
1:
The actual set of I/O port pins varies from one device to another. Please refer to the corresponding pinout diagrams.
TABLE 4-32:
SYSTEM CONTROL REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RCON
0740
TRAPR
IOPUWR
—
—
—
—
—
VREGS
EXTR
SWR
SWDTEN
WDTO
SLEEP
IDLE
BOR
POR
xxxx
(1)
OSCCON
0742
—
COSC<2:0>
—
NOSC<2:0>
CLKLOCK
—LOCK
—CF
—
LPOSCEN
OSWEN
0300
(2)
CLKDIV
0744
ROI
DOZE<2:0>
DOZEN
FRCDIV<2:0>
PLLPOST<1:0>
—
PLLPRE<4:0>
3040
PLLFBD
0746
—
—
—
—
—
—
—
PLLDIV<8:0>
0030
OSCTUN
0748
—
—
—
—
—
—
—
—
—
—TUN<5:0>
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
RCON register Reset values dependent on type of Reset.
2:
OSCCON register Reset values dependent on the FOSC Configuration bits and by type of Reset.
TABLE 4-33:
NVM REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
All
Resets
NVMCON
0760
WR
WREN
WRERR
—
—
—
—
—
—ERASE
—
—NVMOP<3:0>
0000(1)
NVMKEY
0766
—
—
—
—
—
—
—
—
NVMKEY<7:0>
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Reset value shown is for POR only. Value on other Reset states is dependent on the state of memory write or erase operations at the time of Reset.
TABLE 4-34:
PMD REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
PMD1
0770
T5MD
T4MD
T3MD
T2MD
T1MD
—
—
DCIMD
I2C1MD
U2MD
U1MD
SPI2MD
SPI1MD
C2MD
C1MD
AD1MD
0000
PMD2
0772
IC8MD
IC7MD
IC6MD
IC5MD
IC4MD
IC3MD
IC2MD
IC1MD
OC8MD
OC7MD
OC6MD
OC5MD
OC4MD
OC3MD
OC2MD
OC1MD
0000
PMD3
0774
T9MD
T8MD
T7MD
T6MD
—
—
—
—
—
—
—
—
—
—I2C2MD
AD2MD
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com