Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 74 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 74 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 70Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 71Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 72Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 73Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 74Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 75Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 76Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 77Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 72
© 2009 Microchip Technology Inc.
5.2
RTSP Operation
The dsPIC33FJXXXGPX06/X08/X10 Flash program
memory array is organized into rows of 64 instructions
or 192 bytes. RTSP allows the user to erase a page of
memory, which consists of eight rows (512 instructions)
at a time, and to program one row or one word at a
time. Table 25-12 illustrates typical erase and program-
ming times. The 8-row erase pages and single row
write rows are edge-aligned, from the beginning of pro-
gram memory, on boundaries of 1536 bytes and 192
bytes, respectively.
The program memory implements holding buffers that
can contain 64 instructions of programming data. Prior
to the actual programming operation, the write data
must be loaded into the buffers in sequential order. The
instruction words loaded must always be from a group
of 64 boundary.
The basic sequence for RTSP programming is to set up
a Table Pointer, then do a series of TBLWT instructions
to load the buffers. Programming is performed by
setting the control bits in the NVMCON register. A total
of 64 TBLWTL and TBLWTH instructions are required
to load the instructions.
All of the table write operations are single-word writes
(two instruction cycles) because only the buffers are
written. A programming cycle is required for
programming each row.
5.3
Programming Operations
A complete programming sequence is necessary for
programming or erasing the internal Flash in RTSP
mode.
The
processor
stalls
(waits)
until
the
programming operation is finished.
The programming time depends on the FRC accuracy
(see Table 25-19) and the value of the FRC Oscillator
Tuning register (see Register 9-4). Use the following
formula to calculate the minimum and maximum values
for the Row Write Time, Page Erase Time and Word
Write Cycle Time parameters (see Table 25-12).
EQUATION 5-1:
PROGRAMMING TIME
For example, if the device is operating at +85°C, the
FRC accuracy will be ±2%. If the TUN<5:0> bits (see
Register 9-4) are set to ‘b111111, the Minimum
Row Write Time is:
and, the Maximum Row Write Time is:
Setting the WR bit (NVMCON<15>) starts the opera-
tion, and the WR bit is automatically cleared when the
operation is finished.
5.4
Control Registers
There are two SFRs used to read and write the
program Flash memory:
• NVMCON: Flash Memory Control Register
• NVMKEY: Non-Volatile Memory Key Register
The NVMCON register (Register 5-1) controls which
blocks are to be erased, which memory type is to be
programmed and the start of the programming cycle.
NVMKEY (Register 5-2) is a write-only register that is
used for write protection. To start a programming or
erase sequence, the user must consecutively write 55h
and AAh to the NVMKEY register. Refer to Section 5.3
“Programming Operations” for further details.
T
7.37 MHz
FRC Accuracy
()%
FRC Tuning
()%
×
×
--------------------------------------------------------------------------------------------------------------------------
TRW
11064 Cycles
7.37 MHz
10.02
+
()
1 0.00375
–
()
×
×
---------------------------------------------------------------------------------------------- 1.48ms
=
=
TRW
11064 Cycles
7.37 MHz
10.02
–
()
1 0.00375
–
()
×
×
---------------------------------------------------------------------------------------------- 1.54ms
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com