Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 26 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 26 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 22Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 23Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 24Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 25Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 26Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 27Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 28Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 29Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 24
© 2009 Microchip Technology Inc.
3.4
CPU Control Registers
CPU control registers include:
• SR: CPU STATUS REGISTER
• CORCON: CORE CONTROL REGISTER
REGISTER 3-1:
SR: CPU STATUS REGISTER
R-0
R-0
R/C-0
R/C-0
R-0
R/C-0
R -0
R/W-0
OA
OB
SA(1)
SB(1)
OAB
SAB
DA
DC
bit 15
bit 8
R/W-0(2)
R/W-0(3)
R/W-0(3)
R-0
R/W-0
R/W-0
R/W-0
R/W-0
IPL<2:0>(2)
RA
N
OV
Z
C
bit 7
bit 0
Legend:
C = Clear only bit
R = Readable bit
U = Unimplemented bit, read as ‘0’
S = Set only bit
W = Writable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
OA: Accumulator A Overflow Status bit
1
= Accumulator A overflowed
0
= Accumulator A has not overflowed
bit 14
OB: Accumulator B Overflow Status bit
1
= Accumulator B overflowed
0
= Accumulator B has not overflowed
bit 13
SA: Accumulator A Saturation ‘Sticky’ Status bit(1)
1
= Accumulator A is saturated or has been saturated at some time
0
= Accumulator A is not saturated
bit 12
SB: Accumulator B Saturation ‘Sticky’ Status bit(1)
1
= Accumulator B is saturated or has been saturated at some time
0
= Accumulator B is not saturated
bit 11
OAB: OA || OB Combined Accumulator Overflow Status bit
1
= Accumulators A or B have overflowed
0
= Neither Accumulators A or B have overflowed
bit 10
SAB: SA || SB Combined Accumulator ‘Sticky’ Status bit
1
= Accumulators A or B are saturated or have been saturated at some time in the past
0
= Neither Accumulator A or B are saturated
Note:
This bit may be read or cleared (not set). Clearing this bit will clear SA and SB.
bit 9
DA: DO Loop Active bit
1
= DO loop in progress
0
= DO loop not in progress
Note 1: This bit may be read or cleared (not set).
2: The IPL<2:0> bits are concatenated with the IPL<3> bit (CORCON<3>) to form the CPU Interrupt Priority
Level. The value in parentheses indicates the IPL if IPL<3> = 1. User interrupts are disabled when
IPL<3> = 1.
3: The IPL<2:0> Status bits are read only when NSTDIS = 1 (INTCON1<15>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com