Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 263 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 263 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 259Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 260Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 261Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 262Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 263Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 264Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 265Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 266Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 261
dsPIC33FJXXXGPX06/X08/X10
TABLE 25-6:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Conditions
Idle Current (IIDLE): Core OFF Clock ON Base Current(2)
DC40d
3
25
mA
-40°C
3.3V
10 MIPS
DC40a
3
25
mA
+25°C
DC40b
3
25
mA
+85°C
DC41d
4
25
mA
-40°C
3.3V
16 MIPS
DC41a
5
25
mA
+25°C
DC41b
6
25
mA
+85°C
DC42d
8
25
mA
-40°C
3.3V
20 MIPS
DC42a
9
25
mA
+25°C
DC42b
10
25
mA
+85°C
DC43a
15
25
mA
+25°C
3.3V
30 MIPS
25
DC43d
15
mA
-40°C
DC43b
15
25
mA
+85°C
DC44d
16
25
mA
-40°C
3.3V
40 MIPS
DC44a
16
25
mA
+25°C
DC44b
16
25
mA
+85°C
Note 1: Data in “Typical” column is at 3.3V, 25°C unless otherwise stated.
2: Base IIDLE current is measured with core off, clock on and all modules turned off. Peripheral Module
Disable SFR registers are zeroed. All I/O pins are configured as inputs and pulled to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com