Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 278 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 278 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 274Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 275Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 276Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 277Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 278Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 279Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 280Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 281Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 282Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 276
© 2009 Microchip Technology Inc.
FIGURE 25-9:
SPIx MODULE MASTER MODE (CKE = 0) TIMING CHARACTERISTICS
SCKx
(CKP = 0)
SCKx
(CKP = 1)
SDOx
SDIx
SP11
SP10
SP40 SP41
SP21
SP20
SP35
SP20
SP21
MSb
LSb
Bit 14 - - - - - -1
MSb In
LSb In
Bit 14 - - - -1
SP30
SP31
Note: Refer to Figure 25-1 for load conditions.
TABLE 25-28: SPIx MASTER MODE (CKE = 0) TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
SP10
TscL
SCKx Output Low Time
TCY/2
—
—
ns
See Note 3
SP11
TscH
SCKx Output High Time
TCY/2
—
—
ns
See Note 3
SP20
TscF
SCKx Output Fall Time
—
—
—
ns
See parameter D032
and Note 4
SP21
TscR
SCKx Output Rise Time
—
—
—
ns
See parameter D031
and Note 4
SP30
TdoF
SDOx Data Output Fall Time
—
—
—
ns
See parameter D032
and Note 4
SP31
TdoR
SDOx Data Output Rise Time
—
—
—
ns
See parameter D031
and Note 4
SP35
TscH2doV,
TscL2doV
SDOx Data Output Valid after
SCKx Edge
—6
20
ns
—
SP40
TdiV2scH,
TdiV2scL
Setup Time of SDIx Data Input
to SCKx Edge
23
—
—
ns
—
SP41
TscH2diL,
TscL2diL
Hold Time of SDIx Data Input
to SCKx Edge
30
—
—
ns
—
Note 1: These parameters are characterized but not tested in manufacturing.
2: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
3: The minimum clock period for SCKx is 100 ns. Therefore, the clock generated in Master mode must not
violate this specification.
4: Assumes 50 pF load on all SPIx pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com