Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 312 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 312 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 308Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 309Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 310Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 311Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 312Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 313Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 314Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 315Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 310
© 2009 Microchip Technology Inc.
Revision C (March 2009)
This revision includes minor typographical and
formatting changes throughout the data sheet text.
Global changes include:
• Changed all instances of OSCI to OSC1 and
OSCO to OSC2
• Changed all instances of VDDCORE and
VDDCORE/VCAP to VCAP/VDDCORE
The other changes are referenced by their respective
section in the following table.
TABLE A-2:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-Bit Digital
Signal Controllers”
Updated all pin diagrams to denote the pin voltage tolerance (see “Pin
Diagrams”).
Added Note 2 to the 28-Pin QFN-S and 44-Pin QFN pin diagrams, which
references pin connections to VSS.
Section 1.0 “Device Overview”
Updated AVDD in the PINOUT I/O Descriptions (see Table 1-1).
Section 2.0 “Guidelines for Getting
Started with 16-Bit Digital Signal
Controllers”
Added new section to the data sheet that provides guidelines on getting
started with 16-bit Digital Signal Controllers.
Section 4.0 “Memory Organization”
Add Accumulator A and B SFRs (ACCAL, ACCAH, ACCAU, ACCBL,
ACCBH and ACCBU) and updated the Reset value for CORCON in the
CPU Core Register Map (see Table 4-1).
Updated Reset values for IPC3, IPC4, IPC11 and IPC13-IPC15 in the
Interrupt Controller Register Map (see Table 4-5).
Updated the Reset value for CLKDIV in the System Control Register Map
(see Table 4-32).
Section 5.0 “Flash Program Memory” Updated Section 5.3 “Programming Operations” with programming
time formula.
Section 9.0 “Oscillator Configuration” Added Note 2 to the Oscillator System Diagram (see Figure 9-1).
Updated default bit values for DOZE<2:0> and FRCDIV<2:0> in the Clock
Divisor (CLKDIV) Register (see Register 9-2).
Added a paragraph regarding FRC accuracy at the end of Section 9.1.1
“System Clock sources”.
Added Note 1 to the FRC Oscillator Tuning (OSCTUN) Register (see
Register 9-4).
Section 10.0 “Power-Saving
Features”
Added the following registers:
• PMD1: Peripheral Module Disable Control Register 1 (Register 10-1)
• PMD2: Peripheral Module Disable Control Register 2 (Register 10-2)
• PMD3: Peripheral Module Disable Control Register 3 (Register 10-3)
Section 11.0 “I/O Ports”
Added reference to pin diagrams for I/O pin availability and functionality
(see Section 11.2 “Open-Drain Configuration”).
Section 16.0 “Serial Peripheral
Interface (SPI)”
Added Note 2 to the SPIxCON1 register (see Register 16-2).
Section 18.0 “Universal
Asynchronous Receiver Transmitter
(UART)”
Updated the UTXINV bit settings in the UxSTA register (see
Register 18-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com