Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 131 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 131 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 127Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 128Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 129Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 130Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 131Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 132Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 133Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 134Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 129
dsPIC33FJXXXGPX06/X08/X10
REGISTER 8-1:
DMAxCON: DMA CHANNEL x CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
CHEN
SIZE
DIR
HALF
NULLW
—
—
—
bit 15
bit 8
U-0
U-0
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
—
—AMODE<1:0>
—
—
MODE<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CHEN: Channel Enable bit
1
= Channel enabled
0
= Channel disabled
bit 14
SIZE: Data Transfer Size bit
1
= Byte
0
= Word
bit 13
DIR: Transfer Direction bit (source/destination bus select)
1
= Read from DMA RAM address, write to peripheral address
0
= Read from peripheral address, write to DMA RAM address
bit 12
HALF: Early Block Transfer Complete Interrupt Select bit
1
= Initiate block transfer complete interrupt when half of the data has been moved
0
= Initiate block transfer complete interrupt when all of the data has been moved
bit 11
NULLW: Null Data Peripheral Write Mode Select bit
1
= Null data write to peripheral in addition to DMA RAM write (DIR bit must also be clear)
0
= Normal operation
bit 10-6
Unimplemented: Read as ‘0’
bit 5-4
AMODE<1:0>: DMA Channel Operating Mode Select bits
11
= Reserved
10
= Peripheral Indirect Addressing mode
01
= Register Indirect without Post-Increment mode
00
= Register Indirect with Post-Increment mode
bit 3-2
Unimplemented: Read as ‘0’
bit 1-0
MODE<1:0>: DMA Channel Operating Mode Select bits
11
= One-Shot, Ping-Pong modes enabled (one block transfer from/to each DMA RAM buffer)
10
= Continuous, Ping-Pong modes enabled
01
= One-Shot, Ping-Pong modes disabled
00
= Continuous, Ping-Pong modes disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com