Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 137 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 137 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 133Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 134Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 135Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 136Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 137Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 138Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 139Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 140Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 135
dsPIC33FJXXXGPX06/X08/X10
REGISTER 8-8:
DMACS1: DMA CONTROLLER STATUS REGISTER 1
U-0
U-0
U-0
U-0
R-1
R-1
R-1
R-1
—
—
—
—
LSTCH<3:0>
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
PPST7
PPST6
PPST5
PPST4
PPST3
PPST2
PPST1
PPST0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented: Read as ‘0’
bit 11-8
LSTCH<3:0>: Last DMA Channel Active bits
1111
= No DMA transfer has occurred since system Reset
1110
-1000 = Reserved
0111
= Last data transfer was by DMA Channel 7
0110
= Last data transfer was by DMA Channel 6
0101
= Last data transfer was by DMA Channel 5
0100
= Last data transfer was by DMA Channel 4
0011
= Last data transfer was by DMA Channel 3
0010
= Last data transfer was by DMA Channel 2
0001
= Last data transfer was by DMA Channel 1
0000
= Last data transfer was by DMA Channel 0
bit 7
PPST7: Channel 7 Ping-Pong Mode Status Flag bit
1
= DMA7STB register selected
0
= DMA7STA register selected
bit 6
PPST6: Channel 6 Ping-Pong Mode Status Flag bit
1
= DMA6STB register selected
0
= DMA6STA register selected
bit 5
PPST5: Channel 5 Ping-Pong Mode Status Flag bit
1
= DMA5STB register selected
0
= DMA5STA register selected
bit 4
PPST4: Channel 4 Ping-Pong Mode Status Flag bit
1
= DMA4STB register selected
0
= DMA4STA register selected
bit 3
PPST3: Channel 3 Ping-Pong Mode Status Flag bit
1
= DMA3STB register selected
0
= DMA3STA register selected
bit 2
PPST2: Channel 2 Ping-Pong Mode Status Flag bit
1
= DMA2STB register selected
0
= DMA2STA register selected
bit 1
PPST1: Channel 1 Ping-Pong Mode Status Flag bit
1
= DMA1STB register selected
0
= DMA1STA register selected
bit 0
PPST0: Channel 0 Ping-Pong Mode Status Flag bit
1
= DMA0STB register selected
0
= DMA0STA register selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com