Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 147 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 147 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 143Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 144Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 145Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 146Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 147Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 148Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 149Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 150Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 145
dsPIC33FJXXXGPX06/X08/X10
9.2
Clock Switching Operation
Applications are free to switch between any of the four
clock sources (Primary, LP, FRC and LPRC) under
software control at any time. To limit the possible side
effects
that
could
result
from
this
flexibility,
dsPIC33FJXXXGPX06/X08/X10
devices
have
a
safeguard lock built into the switch process.
9.2.1
ENABLING CLOCK SWITCHING
To enable clock switching, the FCKSM1 Configuration
bit in the Configuration register must be programmed to
‘0’. (Refer to Section 22.1 “Configuration Bits” for
further details.) If the FCKSM1 Configuration bit is
unprogrammed (‘1’), the clock switching function and
Fail-Safe Clock Monitor function are disabled. This is
the default setting.
The NOSC control bits (OSCCON<10:8>) do not
control the clock selection when clock switching is
disabled. However, the COSC bits (OSCCON<14:12>)
reflect the clock source selected by the FNOSC
Configuration bits.
The OSWEN control bit (OSCCON<0>) has no effect
when clock switching is disabled. It is held at ‘0’ at all
times.
9.2.2
OSCILLATOR SWITCHING SEQUENCE
At a minimum, performing a clock switch requires this
basic sequence:
1.
If
desired,
read
the
COSC
bits
(OSCCON<14:12>) to determine the current
oscillator source.
2.
Perform the unlock sequence to allow a write to
the OSCCON register high byte.
3.
Write the appropriate value to the NOSC control
bits (OSCCON<10:8>) for the new oscillator
source.
4.
Perform the unlock sequence to allow a write to
the OSCCON register low byte.
5.
Set the OSWEN bit to initiate the oscillator
switch.
Once the basic sequence is completed, the system
clock hardware responds automatically as follows:
1.
The clock switching hardware compares the
COSC status bits with the new value of the
NOSC control bits. If they are the same, then the
clock switch is a redundant operation. In this
case, the OSWEN bit is cleared automatically
and the clock switch is aborted.
2.
If a valid clock switch has been initiated, the
LOCK
(OSCCON<5>)
and
the
CF
(OSCCON<3>) status bits are cleared.
3.
The new oscillator is turned on by the hardware
if it is not currently running. If a crystal oscillator
must be turned on, the hardware waits until the
Oscillator Start-up Timer (OST) expires. If the
new source is using the PLL, the hardware waits
until a PLL lock is detected (LOCK = 1).
4.
The hardware waits for 10 clock cycles from the
new clock source and then performs the clock
switch.
5.
The hardware clears the OSWEN bit to indicate a
successful clock transition. In addition, the NOSC
bit values are transferred to the COSC status bits.
6.
The old clock source is turned off at this time,
with the exception of LPRC (if WDT or FSCM
are enabled) or LP (if LPOSCEN remains set).
9.3
Fail-Safe Clock Monitor (FSCM)
The Fail-Safe Clock Monitor (FSCM) allows the device
to continue to operate even in the event of an oscillator
failure. The FSCM function is enabled by programming.
If the FSCM function is enabled, the LPRC internal
oscillator runs at all times (except during Sleep mode)
and is not subject to control by the Watchdog Timer.
In the event of an oscillator failure, the FSCM
generates a clock failure trap event and switches the
system clock over to the FRC oscillator. Then the
application program can either attempt to restart the
oscillator or execute a controlled shutdown. The trap
can be treated as a warm Reset by simply loading the
Reset address into the oscillator fail trap vector.
If the PLL multiplier is used to scale the system clock,
the internal FRC is also multiplied by the same factor
on clock failure. Essentially, the device switches to
FRC with PLL on a clock failure.
Note:
Primary Oscillator mode has three different
submodes (XT, HS and EC) which are
determined
by
the
POSCMD<1:0>
Configuration bits. While an application
can switch to and from Primary Oscillator
mode in software, it cannot switch
between the different primary submodes
without reprogramming the device.
Note 1: The processor continues to execute code
throughout the clock switching sequence.
Timing sensitive code should not be
executed during this time.
2: Direct clock switches between any primary
oscillator mode with PLL and FRCPLL
mode are not permitted. This applies to
clock switches in either direction. In these
instances, the application must switch to
FRC mode as a transition clock source
between the two PLL modes.
3: Refer
to
Section
7.
“Oscillator”
(DS70186) in the “dsPIC33F Family
Reference Manual” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com