Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 153 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 153 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 149Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 150Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 151Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 152Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 153Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 154Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 155Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 156Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 151
dsPIC33FJXXXGPX06/X08/X10
REGISTER 10-2:
PMD2: PERIPHERAL MODULE DISABLE CONTROL REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IC8MD
IC7MD
IC6MD
IC5MD
IC4MD
IC3MD
IC2MD
IC1MD
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OC8MD
OC7MD
OC6MD
OC5MD
OC4MD
OC3MD
OC2MD
OC1MD
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
IC8MD: Input Capture 8 Module Disable bit
1
= Input Capture 8 module is disabled
0
= Input Capture 8 module is enabled
bit 14
IC7MD: Input Capture 7 Module Disable bit
1
= Input Capture 7 module is disabled
0
= Input Capture 7 module is enabled
bit 13
IC6MD: Input Capture 6 Module Disable bit
1
= Input Capture 6 module is disabled
0
= Input Capture 6 module is enabled
bit 12
IC5MD: Input Capture 5 Module Disable bit
1
= Input Capture 5 module is disabled
0
= Input Capture 5 module is enabled
bit 11
IC4MD: Input Capture 4 Module Disable bit
1
= Input Capture 4 module is disabled
0
= Input Capture 4 module is enabled
bit 10
IC3MD: Input Capture 3 Module Disable bit
1
= Input Capture 3 module is disabled
0
= Input Capture 3 module is enabled
bit 9
IC2MD: Input Capture 2 Module Disable bit
1
= Input Capture 2 module is disabled
0
= Input Capture 2 module is enabled
bit 8
IC1MD: Input Capture 1 Module Disable bit
1
= Input Capture 1 module is disabled
0
= Input Capture 1 module is enabled
bit 7
OC8MD: Output Compare 8 Module Disable bit
1
= Output Compare 8 module is disabled
0
= Output Compare 8 module is enabled
bit 6
OC7MD: Output Compare 4 Module Disable bit
1
= Output Compare 7 module is disabled
0
= Output Compare 7 module is enabled
bit 5
OC6MD: Output Compare 6 Module Disable bit
1
= Output Compare 6 module is disabled
0
= Output Compare 6 module is enabled
bit 4
OC5MD: Output Compare 5 Module Disable bit
1
= Output Compare 5 module is disabled
0
= Output Compare 5 module is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com