Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 159 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 159 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 155Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 156Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 157Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 158Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 159Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 160Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 161Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 162Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 157
dsPIC33FJXXXGPX06/X08/X10
12.0 TIMER1
The Timer1 module is a 16-bit timer, which can serve
as the time counter for the real-time clock, or operate
as a free-running interval timer/counter. Timer1 can
operate in three modes:
• 16-bit Timer
• 16-bit Synchronous Counter
• 16-bit Asynchronous Counter
Timer1 also supports these features:
• Timer gate operation
• Selectable prescaler settings
• Timer operation during CPU Idle and Sleep
modes
• Interrupt on 16-bit Period register match or falling
edge of external gate signal
Figure 12-1 presents a block diagram of the 16-bit
timer module.
To configure Timer1 for operation:
1.
Set the TON bit (= 1) in the T1CON register.
2.
Select the timer prescaler ratio using the
TCKPS<1:0> bits in the T1CON register.
3.
Set the Clock and Gating modes using the TCS
and TGATE bits in the T1CON register.
4.
Set or clear the TSYNC bit in T1CON to select
synchronous or asynchronous operation.
5.
Load the timer period value into the PR1
register.
6.
If interrupts are required, set the interrupt enable
bit, T1IE. Use the priority bits, T1IP<2:0>, to set
the interrupt priority.
FIGURE 12-1:
16-BIT TIMER1 MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 11.
“Timers” (DS70205) in the “dsPIC33F
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
TON
SOSCI
SOSCO/
PR1
Set T1IF
Equal
Comparator
TMR1
Reset
SOSCEN
1
0
TSYNC
Q
QD
CK
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TGATE
TCY
1
0
T1CK
TCS
1x
01
TGATE
00
Sync
Gate
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com