Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 164 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 164 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 160Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 161Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 162Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 163Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 164Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 165Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 166Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 167Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 162
© 2009 Microchip Technology Inc.
REGISTER 13-1:
TxCON (T2CON, T4CON, T6CON OR T8CON) CONTROL REGISTER
R/W-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
TON
—TSIDL
—
—
—
—
—
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
—
TGATE
TCKPS<1:0>
T32
—TCS(1)
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
TON: Timerx On bit
When T32 = 1:
1
= Starts 32-bit Timerx/y
0
= Stops 32-bit Timerx/y
When T32 = 0:
1
= Starts 16-bit Timerx
0
= Stops 16-bit Timerx
bit 14
Unimplemented: Read as ‘0’
bit 13
TSIDL: Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-7
Unimplemented: Read as ‘0’
bit 6
TGATE: Timerx Gated Time Accumulation Enable bit
When TCS = 1:
This bit is ignored.
When TCS = 0:
1
= Gated time accumulation enabled
0
= Gated time accumulation disabled
bit 5-4
TCKPS<1:0>: Timerx Input Clock Prescale Select bits
11
= 1:256
10
= 1:64
01
= 1:8
00
= 1:1
bit 3
T32: 32-bit Timer Mode Select bit
1
= Timerx and Timery form a single 32-bit timer
0
= Timerx and Timery act as two 16-bit timers
bit 2
Unimplemented: Read as ‘0’
bit 1
TCS: Timerx Clock Source Select bit(1)
1
= External clock from pin TxCK (on the rising edge)
0
= Internal clock (FCY)
bit 0
Unimplemented: Read as ‘0’
Note 1: The TxCK pin is not available on all timers. Refer to the “Pin Diagrams” section for the available pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com