Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 173 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 173 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 169Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 170Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 171Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 172Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 173Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 174Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 175Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 176Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 171
dsPIC33FJXXXGPX06/X08/X10
16.0 SERIAL PERIPHERAL
INTERFACE (SPI)
The Serial Peripheral Interface (SPI) module is a
synchronous serial interface useful for communicating
with other peripheral or microcontroller devices. These
peripheral devices may be serial EEPROMs, shift
registers, display drivers, ADC, etc. The SPI module is
compatible with SPI and SIOP from Motorola®.
Each SPI module consists of a 16-bit shift register,
SPIxSR (where x = 1 or 2), used for shifting data in and
out, and a buffer register, SPIxBUF. A control register,
SPIxCON, configures the module. Additionally, a status
register, SPIxSTAT, indicates various status conditions.
The serial interface consists of 4 pins: SDIx (serial data
input), SDOx (serial data output), SCKx (shift clock input
or output), and SSx (active-low slave select).
In Master mode operation, SCK is a clock output but in
Slave mode, it is a clock input.
FIGURE 16-1:
SPI MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 18.
“Serial
Peripheral
Interface
(SPI)”
(DS70206) in the “dsPIC33F Family
Reference Manual”, which is available
from
the
Microchip
web
site
(www.microchip.com).
Note:
In this section, the SPI modules are
referred to together as SPIx, or separately
as SPI1 and SPI2. Special Function
Registers will follow a similar notation. For
example, SPIxCON refers to the control
register for the SPI1 or SPI2 module.
Internal Data Bus
SDIx
SDOx
SSx
SCKx
SPIxSR
bit 0
Shift Control
Edge
Select
FCY
Primary
1:1/4/16/64
Enable
Prescaler
Sync
SPIxBUF
Control
Transfer
Transfer
Write SPIxBUF
Read SPIxBUF
16
SPIxCON1<1:0>
SPIxCON1<4:2>
Master Clock
Clock
Control
Secondary
Prescaler
1:1 to 1:8
SPIxRXB
SPIxTXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com