Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 195 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 195 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 191Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 192Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 193Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 194Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 195Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 196Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 197Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 198Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 193
dsPIC33FJXXXGPX06/X08/X10
19.3
Modes of Operation
The CAN module can operate in one of several operation
modes selected by the user. These modes include:
• Initialization Mode
• Disable Mode
• Normal Operation Mode
• Listen Only Mode
• Listen All Messages Mode
• Loopback Mode
Modes are requested by setting the REQOP<2:0> bits
(CiCTRL1<10:8>). Entry into a mode is Acknowledged
by
monitoring
the
OPMODE<2:0>
bits
(CiCTRL1<7:5>). The module will not change the mode
and the OPMODE bits until a change in mode is
acceptable, generally during bus Idle time, which is
defined as at least 11 consecutive recessive bits.
19.3.1
INITIALIZATION MODE
In the Initialization mode, the module will not transmit or
receive. The error counters are cleared and the
interrupt flags remain unchanged. The programmer will
have access to Configuration registers that are access
restricted in other modes. The module will protect the
user from accidentally violating the CAN protocol
through programming errors. All registers which control
the configuration of the module can not be modified
while the module is on-line. The CAN module will not
be allowed to enter the Configuration mode while a
transmission is taking place. The Configuration mode
serves as a lock to protect the following registers:
• All Module Control Registers
• Baud Rate and Interrupt Configuration Registers
• Bus Timing Registers
• Identifier Acceptance Filter Registers
• Identifier Acceptance Mask Registers
19.3.2
DISABLE MODE
In Disable mode, the module will not transmit or
receive. The module has the ability to set the WAKIF bit
due to bus activity, however, any pending interrupts will
remain and the error counters will retain their value.
If the REQOP<2:0> bits (CiCTRL1<10:8>) = 001, the
module will enter the Module Disable mode. If the module
is active, the module will wait for 11 recessive bits on the
CAN bus, detect that condition as an Idle bus, then
accept the module disable command. When the
OPMODE<2:0>
bits
(CiCTRL1<7:5>) = 001,
that
indicates whether the module successfully went into
Module Disable mode. The I/O pins will revert to normal
I/O function when the module is in the Module Disable
mode.
The module can be programmed to apply a low-pass
filter function to the CiRX input line while the module or
the CPU is in Sleep mode. The WAKFIL bit
(CiCFG2<14>) enables or disables the filter.
19.3.3
NORMAL OPERATION MODE
Normal
Operation
mode
is
selected
when
REQOP<2:0> = 000. In this mode, the module is
activated and the I/O pins will assume the CAN bus
functions. The module will transmit and receive CAN
bus messages via the CiTX and CiRX pins.
19.3.4
LISTEN ONLY MODE
If the Listen Only mode is activated, the module on the
CAN bus is passive. The transmitter buffers revert to
the port I/O function. The receive pins remain inputs.
For the receiver, no error flags or Acknowledge signals
are sent. The error counters are deactivated in this
state. The Listen Only mode can be used for detecting
the baud rate on the CAN bus. To use this, it is
necessary that there are at least two further nodes that
communicate with each other.
19.3.5
LISTEN ALL MESSAGES MODE
The module can be set to ignore all errors and receive
any message. The Listen All Messages mode is
activated by setting REQOP<2:0> = ‘111’. In this
mode, the data which is in the message assembly buf-
fer, until the time an error occurred, is copied in the
receive buffer and can be read via the CPU interface.
19.3.6
LOOPBACK MODE
If the Loopback mode is activated, the module will
connect the internal transmit signal to the internal
receive signal at the module boundary. The transmit
and receive pins revert to their port I/O function.
Note:
Typically, if the CAN module is allowed to
transmit in a particular mode of operation
and
a
transmission
is
requested
immediately after the CAN module has
been placed in that mode of operation, the
module waits for 11 consecutive recessive
bits
on
the
bus
before
starting
transmission. If the user switches to
Disable mode within this 11-bit period, then
this transmission is aborted and the corre-
sponding TXABT bit is set and TXREQ bit
is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com