Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106 Datasheet(PDF) 13 Page - ams AG

Part # AS1106
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106 Datasheet(HTML) 13 Page - ams AG

Back Button AS1106 Datasheet HTML 9Page - ams AG AS1106 Datasheet HTML 10Page - ams AG AS1106 Datasheet HTML 11Page - ams AG AS1106 Datasheet HTML 12Page - ams AG AS1106 Datasheet HTML 13Page - ams AG AS1106 Datasheet HTML 14Page - ams AG AS1106 Datasheet HTML 15Page - ams AG AS1106 Datasheet HTML 16Page - ams AG AS1106 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
12 - 21
AS1106, AS1107
Datasheet - Detailed Descr i pti on
8.5.4 Intensity Control Register (0xXA)
The brightness of the display can be controlled by digital means using the Intensity Control Register and by analog means using RSET (see
Selecting RSET Resistor Value and Using External Drivers on page 14).
Display brightness is controlled by an integrated pulse-width modulator which is controlled by the lower-nibble of the Intensity Control Register.
The modulator scales the average segment-current in 16 steps from a maximum of 31/32 down to 1/32 (15/16 to 1/16 for the AS1107) of the
peak current set by RSET.
8.5.5 Scan-Limit Register (0x0B)
The Scan-Limit Register controls which of the digits are to be displayed. When all 8 digits are to be displayed, the update frequency is typically
800Hz. If the number of digits displayed is reduced, the update frequency is increased. The frequency can be calculated using 8fOSC/N, where
N is the number of digits. Since the number of displayed digits influences the brightness, RSET should be adjusted accordingly. Table 16 lists the
maximum allowed current when fewer than 4 digits are used.
Note:
To avoid differences in brightness this register should not be used to blank parts of the display (leading zeros).
Table 14. Intensity Register Format (Address (HEX) = 0xXA))
Duty Cycle
HEX Code
Register Data
AS1106
AS1107
D7
D6
D5
D4
D3
D2
D1
D0
1/32 (min on)
1/16 (min on)
0xX0
XXXX
0000
3/32
2/16
0xX1
XXXX
0001
5/32
3/16
0xX2
XXXX
0010
7/32
4/16
0xX3
XXXX
0011
9/32
5/16
0xX4
XXXX
0100
11/32
6/16
0xX5
XXXX
0101
13/32
7/16
0xX6
XXXX
0110
15/32
8/16
0xX7
XXXX
0111
17/32
9/16
0xX8
XXXX
1000
19/32
10/16
0xX9
XXXX
1001
21/32
11/16
0xXA
XXXX
1010
23/32
12/16
0xXB
XXXX
1011
25/32
13/16
0xXC
XXXX
1100
27/32
14/16
0xXD
XXXX
1101
29/32
15/16
0xXE
XXXX
1110
31/32 (max on)
15/16 (max on)
0xXF
XXXX
1111
Table 15. Scan-Limit Register Format (Address (HEX) = 0xXB))
Scan Limit
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Display digit 0 only (see Table 16)
0xX0
XXXX
X
0
0
0
Display digits 0:1 (see Table 16)
0xX1
XXXX
X
0
0
1
Display digits 0:2 (see Table 16)
0xX2
XXXX
X
0
1
0
Display digits 0:3
0xX3
XXXX
X
0
1
1
Display digits 0:4
0xX4
XXXX
X
1
0
0
Display digits 0:5
0xX5
XXXX
X
1
0
1
Display digits 0:6
0xX6
XXXX
X
1
1
0
Display digits 0:7
0xX7
XXXX
X
1
1
1
Table 16. Maximum Segment Current for 1-, 2-, or 3-Digit Displays
Number of Digits Displayed
Maximum Segment Current (mA)
110
220
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com