Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1106 Datasheet(PDF) 21 Page - ams AG

Part # AS1106
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106 Datasheet(HTML) 21 Page - ams AG

Back Button AS1106 Datasheet HTML 14Page - ams AG AS1106 Datasheet HTML 15Page - ams AG AS1106 Datasheet HTML 16Page - ams AG AS1106 Datasheet HTML 17Page - ams AG AS1106 Datasheet HTML 18Page - ams AG AS1106 Datasheet HTML 19Page - ams AG AS1106 Datasheet HTML 20Page - ams AG AS1106 Datasheet HTML 21Page - ams AG AS1106 Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
20 - 21
AS1106, AS1107
Datasheet - Orderin g Info r m ation
11 Ordering Information
The AS1106 and AS1107 are available as the standard products shown in Table 26.
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 26. Ordering Information
Ordering Code
Marking
Description
Temperature Range
Delivery Form
Package
AS1106PL
1
1. The PDIP 24-pin Package reached end of life. There is the possibility for a last time buy order until end of July 2011.
AS1106PL
8-Digit LED Display Drivers
0 to +70°C
Tubes
PDIP 24-pin
AS1106WL
AS1106WL
8-Digit LED Display Drivers
0 to +70°C
Tubes
SOIC 24-pin
AS1106WL-T
AS1106WL
8-Digit LED Display Drivers
0 to +70°C
Tape and Reel
SOIC 24-pin
AS1106PE
1
AS1106PE
8-Digit LED Display Drivers
-40 to +85°C
Tubes
PDIP 24-pin
AS1106WE
AS1106WE
8-Digit LED Display Drivers
-40 to +85°C
Tubes
SOIC 24-pin
AS1106WE-T
AS1106WE
8-Digit LED Display Drivers
-40 to +85°C
Tape and Reel
SOIC 24-pin
AS1107PL
1
AS1107PL
8-Digit LED Display Drivers
-40 to +85°C
Tubes
PDIP 24-pin
AS1107WL
AS1107WL
8-Digit LED Display Drivers
-40 to +85°C
Tubes
SOIC 24-pin
AS1107WL-T
AS1107WL
8-Digit LED Display Drivers
-40 to +85°C
Tape and Reel
SOIC 24-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com